Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9134GC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9134GC
Description  Rail-to-Rail Quad Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134GC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9134GC Datasheet HTML 3Page - Richtek Technology Corporation RT9134GC Datasheet HTML 4Page - Richtek Technology Corporation RT9134GC Datasheet HTML 5Page - Richtek Technology Corporation RT9134GC Datasheet HTML 6Page - Richtek Technology Corporation RT9134GC Datasheet HTML 7Page - Richtek Technology Corporation RT9134GC Datasheet HTML 8Page - Richtek Technology Corporation RT9134GC Datasheet HTML 9Page - Richtek Technology Corporation RT9134GC Datasheet HTML 10Page - Richtek Technology Corporation RT9134GC Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9134
Preliminary
7
DS9134-04
August 2007
www.richtek.com
CMRR vs. Frequency
0
10
20
30
40
50
60
70
80
100
1000
10000
100000
1000000 10000000
Frequency (Hz)
100
1k
10k
100k
1M
10M
VS =
±5V
TA = 25°C
Channel Separation vs. Frequency Response
-100
-90
-80
-70
-60
-50
-40
1000
10000
100000
1000000
10000000
Frequency Response (Hz)
1000
10k
100k
1M
10M
VS :
±5V
AV : 1
Quad measured channel A to C.


Similar Part No. - RT9134GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9134GC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
logo
Richtek Technology Corp...
RT9136 RICHTEK-RT9136 Datasheet
235Kb / 11P
   Rail-to-Rail Quad Unity-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com