Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9165-80GX Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9165-80GX
Description  150mA 3-Terminal Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9165-80GX Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9165-80GX Datasheet HTML 1Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 2Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 3Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 4Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 5Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 6Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RT9165
4
DS9165-15
March 2007
www.richtek.com
Typical Operating Characteristics
PSRR
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
CIN = 1nF
COUT = 10uF
Electrolytic Capacitor
VIN = 8V
VOUT = 5V
TA = 25°C
100mA
10mA
10
100
1K
10K
100K
1M
10M
Dropout Voltage (VIN-VOUT)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
25
50
75
100
125
150
IOUT(mA)
VOUT = 5V
TJ = 25°C
TJ = 125°C
Short Circuit Current
0
0.1
0.2
0.3
0.4
567
89
10
Input Voltage (V)
25
°C
125
°C
Temperature Stability
4.7
4.8
4.9
5
5.1
5.2
-50
-25
0
25
50
75
100
125
Temperature
VOUT = 5V
(
°C)
Load Transient Response
0
20
40
60
-20
-40
100
10
-100
Time (100us/Div)
CIN = 10uF
COUT = 10uF Electrolytic
VIN = 8V, VOUT = 5V
TA = 25°C
Load Transient Response
0
20
40
60
-20
-40
50
1
-50
Time (100us/Div)
CIN = 10uF
COUT = 10uF Electrolytic
VIN = 8V, VOUT = 5V
TA = 25°C


Similar Part No. - RT9165-80GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
More results

Similar Description - RT9165-80GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
logo
List of Unclassifed Man...
RT9165 ETC-RT9165 Datasheet
144Kb / 6P
   150MA 3- TERMINAL POSITIVE REGULATOR
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com