Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9164A-18GG Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9164A-18GG
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-18GG Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9164A-18GG Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 9Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 10Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 11Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 12Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 13Page - Richtek Technology Corporation RT9164A-18GG Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9164A
10
DS9164A-13 August 2007
www.richtek.com
Application Information
Output voltage adjustment
Like most regulators, the RT9164A regulates the output
by comparing the output voltage to an internally generated
reference voltage. On the adjustable version as shown in
Figure 4, the VREF is available externally as 1.25V between
VOUT and ADJ. The voltage ratio formed by R1 and R2
should be set to conduct 10mA (minimum output load).
The output voltage is given by the following equation:
VOUT = VREF (1+
1
2
R
R
) + IADJ R2
On fixed versions of RT9164A, the voltage divider is provided
internally.
Figure 4. Basic Adjustable Regulator
Input Bypass Capacitor
An input capacitor is recommended. A 10
μF tantalum on
the input is a suitable input bypassing for almost all
applications.
Adjust Terminal Bypass Capacitor
The adjust terminal can be bypassed to ground with a
bypass capacitor (CADJ) to improve ripple rejection. This
bypass capacitor prevents ripple from being amplified as
the output voltage is increased. At any ripple frequency,
the impedance of the CADJ should be less than R1 to prevent
the ripple from being amplified:
(2
π x fRIPPLE x CADJ) < R1
The R1 is the resistor between the output and the adjust
pin. Its value is normally in the range of 100-200
Ω. For
example, with R1 = 124
Ω and fRIPPLE = 120Hz, the CADJ
should be > 11
μF.
Output Capacitor
RT9164A requires a capacitor from VOUT to GND to provide
compensation feedback to the internal gain stage. This is
to ensure stability at the output terminal. Typically, 10
μF
tantalum or 50
μF aluminum electrolytic with 30mΩ to 2Ω
range capacitor is sufficient.
The output capacitor does not have a theoretical upper
limit and increasing its value will increase stability.
COUT = 100
μF or more is typical for high current regulator
design.
VIN
VOUT
ADJ
RT9164A
R1
R2
10uF
10uF
I
ADJ
V
REF
V
IN
V
OUT
65uF
C
ADJ
C
IN
C
OUT
Load Regulation
When the adjustable regulator is used (Figure 6), the best
load regulation is accomplished when the top of the resistor
divider (R1) is connected directly to the output pin of the
RT9164A. When so connected, RP is not multiplied by
the divider ratio. For Fixed output version, the top of R1 is
internally connected to the output and ground pins can be
connected to low side of the load.
Figure 5
Region of Stable COUT ESR vs. Load Current
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
Load Current (A)
COUT = 100uF
COUT = 10uF
Instable
Instable
Stable


Similar Part No. - RT9164A-18GG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-18GG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com