Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9170-32PV Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9170-32PV
Description  300mA, 15關A Quiescent Current CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9170-32PV Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9170-32PV Datasheet HTML 1Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 2Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 3Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 4Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 5Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 6Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 7Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 8Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9170
5
DS9170-11
March 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Supply Voltage
0
2
4
6
8
10
12
14
16
18
22.533.5
44.555.5
Supply Voltage (V)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
No Load
ILOAD = 200mA
Quiescent Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
-35
-15
5
25
45
65
85
105
125
Temperature
VIN = 3.5V
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
(°C)
No Load
ILOAD = 200mA
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (A)
TJ = 125°C
TJ = 25°C
TJ = -40°C
VOUT = 3.3V
Temperature Stability
2.35
2.37
2.39
2.41
2.43
2.45
2.47
2.49
2.51
2.53
2.55
-35
-15
5
25
45
65
85
105
125
Temperature
VIN = 3.5V
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
(°C)
No Load
ILOAD = 250mA
Quiescent Current vs. Load Current
10
11
12
13
14
15
16
17
18
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (A)
VIN = 3.5V
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
Output Voltage vs. Supply Voltage
2.45
2.47
2.49
2.51
2.53
2.55
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
ILOAD = 1mA


Similar Part No. - RT9170-32PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172-15CG RICHTEK-RT9172-15CG Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172-15CM RICHTEK-RT9172-15CM Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9170-32PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
AiT Semiconductor Inc.
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com