Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9173BGS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9173BGS
Description  2A Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173BGS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9173BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 9Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 10Page - Richtek Technology Corporation RT9173BGS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9173B
7
DS9173B-09 March 2007
www.richtek.com
Typical Operating Characteristics
Source Current Limit vs. Temperature
1.8
2.2
2.6
3
3.4
3.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 1.8V, VCNTL = 5V
VIN = 2.5V, VCNTL = 5V
Source Current Limit vs. Temperature
1.8
2.2
2.6
3
3.4
3.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 2.5V, VCNTL = 3.3V
VIN = 1.8V, VCNTL = 3.3V
Sink Current Limit vs. Temperature
1.8
2.2
2.6
3
3.4
3.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 1.8V, VCNTL = 5V
VIN = 2.5V, VCNTL = 5V
Sink Current Limit vs. Temperature
1.8
2.2
2.6
3
3.4
3.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 1.8V, VCNTL = 3.3V
VIN = 2.5V, VCNTL = 3.3V
Turn-On Threshold vs. Temperature
0.3
0.35
0.4
0.45
0.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
VIN = 2.5V, VCNTL = 5V
VIN = 2.5V, VCNTL = 3.3V
(
°C)
Turn-Off Threshold vs. Temperature
0.3
0.35
0.4
0.45
0.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 2.5V, VCNTL = 5V
VIN = 2.5V, VCNTL = 3.3V


Similar Part No. - RT9173BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173BGS

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
   2A Bus Termination Regulator
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
   2A Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
   2A Bus Termination Regulator
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
   2A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
   3A/2A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com