Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT916816PS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT916816PS
Description  200mA/500mA Fixed Output Voltage LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916816PS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT916816PS Datasheet HTML 1Page - Richtek Technology Corporation RT916816PS Datasheet HTML 2Page - Richtek Technology Corporation RT916816PS Datasheet HTML 3Page - Richtek Technology Corporation RT916816PS Datasheet HTML 4Page - Richtek Technology Corporation RT916816PS Datasheet HTML 5Page - Richtek Technology Corporation RT916816PS Datasheet HTML 6Page - Richtek Technology Corporation RT916816PS Datasheet HTML 7Page - Richtek Technology Corporation RT916816PS Datasheet HTML 8Page - Richtek Technology Corporation RT916816PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9168/A
5
DS9168/A-15 March 2007
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
-50
-25
0
25
50
75
100
125
150
Temperature
VOUT = 3.3V
(°C)
GND Current vs. Temperature
0
15
30
45
60
75
90
105
120
-50
-25
0
25
50
75
100
125
150
Temperature
VOUT = 3.3V
(°C)
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
200
Output Current (mA)
VOUT = 3.3V
85
°C
25
°C
-40
°C
Current Limit vs. Temperature
100
200
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
150
Temperature
RT9168A
VOUT = 3.3V
(°C)
Current Limit vs. Temperature
0
60
120
180
240
300
360
420
480
-50
-25
0
25
50
75
100
125
150
Temperature
(°C)
RT9168
VOUT = 3.3V
PSRR
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (kHz)
10
100
1K
10K
100K
1M
VOUT = 3.3V, ILOAD = 1mA
COUT = 4.7V


Similar Part No. - RT916816PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CBR ETC-RT9168-15CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CS ETC-RT9168-15CS Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CSH ETC-RT9168-15CSH Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-16CBR ETC-RT9168-16CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT916816PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com