Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7121 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7121
Description  2-Channel Adjustable Low Dropout High Side Linear LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7121 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7121 Datasheet HTML 3Page - Sipex Corporation SP7121 Datasheet HTML 4Page - Sipex Corporation SP7121 Datasheet HTML 5Page - Sipex Corporation SP7121 Datasheet HTML 6Page - Sipex Corporation SP7121 Datasheet HTML 7Page - Sipex Corporation SP7121 Datasheet HTML 8Page - Sipex Corporation SP7121 Datasheet HTML 9Page - Sipex Corporation SP7121 Datasheet HTML 10Page - Sipex Corporation SP7121 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sept 11 - 07 Rev E
SP7121 Low Dropout LED Driver
© 2007 Sipex Corporation
Page 7
TYPICAL PERFORMANCE CHARACTERISTICS
PWM FUNCTION -- 2 LEDs continued
PWM FUNCTION -- SINGLE HIGH POWER LED
Zoom of the startup
Channel 1 Enable; Channel 2 ISET pin;
Channel 3 VLED; Channel 4 ILED 20ma/Div
PWM minimum duty cycle 20kHz
Channel 1 PWM signal; Channel 2 ISET pin;
Channel 3 VLED; Channel 4 ILED 50ma/Div
PWM minimum duty cycle 20kHz
Channel 1 PWM signal; Channel 2 ISET pin;
Channel 3 VLED; Channel 4 ILED 50ma/Div


Similar Part No. - SP7121

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
   640W Asymmetrical TVS Diode Array
SP712-02HTG LITTELFUSE-SP712-02HTG Datasheet
1Mb / 5P
   640W Asymmetrical TVS Diode Array
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
71Kb / 4P
   Evaluation Board Manual
SP7120AEB SIPEX-SP7120AEB Datasheet
71Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP7121

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
   Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
Diodes Incorporated
AL5811EV1 DIODES-AL5811EV1 Datasheet
707Kb / 8P
   75mA, 60V Low-side Adjustable Linear LED Driver
AL5811EV2 DIODES-AL5811EV2 Datasheet
700Kb / 8P
   75mA, 60V Low-side Adjustable Linear LED Driver
AL5812EV3 DIODES-AL5812EV3 Datasheet
847Kb / 8P
   150mA, 60V Low-side Adjustable Linear LED Driver
AL5812EV2 DIODES-AL5812EV2 Datasheet
828Kb / 8P
   150mA, 60V Low-side Adjustable Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
   2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com