Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9013-33GU5 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9013-33GU5
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-33GU5 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9013-33GU5 Datasheet HTML 4Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 5Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 6Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 7Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 8Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 9Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 10Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 11Page - Richtek Technology Corporation RT9013-33GU5 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9013
Preliminary
8
DS9013-05 August 2007
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9013 must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9013 input and the amount of capacitance
can be increased without limit. The input capacitor must
be located a distance of not more than 0.5 inch from the
input pin of the IC and returned to a clean analog ground.
Any good quality ceramic can be used for this capacitor.
The capacitor with larger value and lower ESR (equivalent
series resistance) provides better PSRR and line-transient
response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9013 is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9013 output ensures stability. The RT9013 still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1. shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9013
and returned to a clean analog ground.
Figure 1
Enable
The RT9013 goes into sleep mode when the EN pin is in a
logic low condition. During this condition, the RT9013 has
an EN pin to turn on or turn off regulator, When the EN pin
is logic hight, the regulator will be turned on. The supply
current to 0.7
μA typical. The EN pin may be directly tied
to VIN to keep the part on. The Enable input is CMOS
logic and cannot be left floating.
PSRR
The power supply rejection ratio (PSRR) is defined as the
gain from the input to output divided by the gain from the
supply to the output. The PSRR is found to be
×
=
ΔSupply
Error
ΔGain
log
20
PSRR
Note that when heavy load measuring,
Δsupply will cause
Δtemperature. And Δtemperature will cause Δoutput
voltage. So the heavy load PSRR measuring is include
temperature effect.
Current limit
The RT9013 contains an independent current limiter, which
monitors and controls the pass transistor's gate voltage,
limiting the output current to 0.6A (typ.). The output can
be shorted to ground indefinitely without damaging the part.
Thermal Considerations
Thermal protection limits power dissipation in RT9013.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 30
°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) /θJA
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
Load Current (mA)
RT9013-33PB, VIN = 5V
CIN = COUT = 1
μF/X7R
Stable Range
Unstable Range
Unstable Range


Similar Part No. - RT9013-33GU5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT9013-33GB TECHPUBLIC-RT9013-33GB Datasheet
2Mb / 5P
   500mA Higt PSRR Voltage Reaulators
RT9013-33GB TECHPUBLIC-RT9013-33GB Datasheet
2Mb / 5P
   500mA Higt PSRR Voltage Reaulators|
More results

Similar Description - RT9013-33GU5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
logo
Unisonic Technologies
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com