Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9164A-35PL Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9164A-35PL
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-35PL Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9164A-35PL Datasheet HTML 1Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 2Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 3Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 4Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 5Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-35PL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9164A
3
DS9164A-13 August 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
ADJ/GND
Adjust Output or Ground
VOUT
Output Voltage
VIN
Power Input
Current
Limiting
Amplifier
Thermal Overload
Voltage
Regulation
Amplifer
V
REF
S.O.A.
VIN
VOUT
ADJ/GND
LIMIT
SENSE


Similar Part No. - RT9164A-35PL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-35PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com