Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9179PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9179PB
Description  Adjustable, 300mA LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9179PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9179PB Datasheet HTML 1Page - Richtek Technology Corporation RT9179PB Datasheet HTML 2Page - Richtek Technology Corporation RT9179PB Datasheet HTML 3Page - Richtek Technology Corporation RT9179PB Datasheet HTML 4Page - Richtek Technology Corporation RT9179PB Datasheet HTML 5Page - Richtek Technology Corporation RT9179PB Datasheet HTML 6Page - Richtek Technology Corporation RT9179PB Datasheet HTML 7Page - Richtek Technology Corporation RT9179PB Datasheet HTML 8Page - Richtek Technology Corporation RT9179PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9179
2
DS9179-08 March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Power Input Voltage
2
GND
Ground
3
EN
Chip Enable (Active High)
4
ADJ
Adjust Output Voltage. The output voltage is set by the internal feedback resistors when
this pin grounded. If external feedback resistors are applied, the output voltage will be:
VOUT = 1.175 × (1 +
) Volts
5
VOUT
Output Voltage
2
1
R
R
Current-Limit
and
Thermal Protection
MOS
Driver
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
1.175V
V
REF
ADJ
EN
GND
Thermal
SHDN
+_
Typical Application Circuit
2
1
R
R
1
+
Adjustable Operation
Note: The external feedback resistors are in hundreds of OHM to hundreds of KOHM ranges.
V
OUT = 1.175 x (
) Volts
VIN
VOUT
ADJ
EN
RT9179CB
C
2
1uF
1uF
0.1uF
R
2
R
1
V
OUT
V
IN
C
1
C
3
GND
Chip Enable


Similar Part No. - RT9179PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179PB RICHTEK-RT9179PB Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results

Similar Description - RT9179PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
YOBON TECHNOLOGIES,INC.
YB1211 YOBON-YB1211 Datasheet
413Kb / 9P
   300mA External Adjustable LDO Regulator
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com