Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9018A18PQW Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9018A18PQW
Description  Maximum 3A, Ultra Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018A18PQW Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9018A18PQW Datasheet HTML 3Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 4Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 5Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 6Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 7Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 8Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 9Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 10Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9018A/B
7
DS9018A/B-04
September 2007
www.richtek.com
VDD Standby Current vs. Temperature
-4
0
4
8
12
16
20
24
28
32
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VEN = 0V, VDD = 5V
Quiescent Current vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VIN = 1.8V, VOUT = 1.2V, IOUT = 0A
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Output Voltage vs. Temperature
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VIN = 1.8V, VADJ = 0V, IOUT = 0A
ADJ Threshold Voltage vs. Temperature
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VDD POR Threshold Voltage vs. Temperature
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
Rising
Falling
Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
RT9018A
RT9018B


Similar Part No. - RT9018A18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGQW RICHTEK-RT9018C-XXGQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGSP RICHTEK-RT9018C-XXGSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZQW RICHTEK-RT9018C-XXZQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZSP RICHTEK-RT9018C-XXZSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results

Similar Description - RT9018A18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
   Maximum 3A low-dropout voltage regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com