Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9167-16GBR Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9167-16GBR
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-16GBR Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9167-16GBR Datasheet HTML 4Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 5Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 6Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 7Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 8Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 9Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 10Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 11Page - Richtek Technology Corporation RT9167-16GBR Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9167/A
8
DS9167/A-26 March 2007
www.richtek.com
Application Information
Capacitor Selection and Regulator Stability
Like any low-dropout regulator, the external capacitors used
with the RT9167/A must be carefully selected for regulator
stability and performance.
Using a capacitor whose value is > 1
μF on the RT9167/A
input and the amount of capacitance can be increased
without limit. The input capacitor must be located a
distance of not more than 0.5" from the input pin of the IC
and returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor. The
capacitor with larger value and lower ESR (equivalent series
resistance) provides better PSRR and line-transient
response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9167/A is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 5mΩ on the
RT9167/A output ensures stability. The RT9167/A still
works well with output capacitor of other types due to the
wide stable ESR range. Figure 1. shows the curves of
allowable ESR range as a function of load current for various
output voltages and capacitor values. Output capacitor of
larger capacitance can reduce noise and improve load-
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5" from the
VOUT pin of the RT9167/A and returned to a clean analog
ground.
Note that some ceramic dielectrics exhibit large
capacitance and ESR variation with temperature. It may
be necessary to use 2.2
μF or more to ensure stability at
temperatures below -10°C in this case. Also, tantalum
capacitors, 2.2
μF or more may be needed to maintain
capacitance and ESR in the stable region for strict
application environment.
Tantalum capacitors maybe suffer failure due to surge
current when it is connected to a low-impedance source
of power (like a battery or very large capacitor). If a tantalum
capacitor is used at the input, it must be guaranteed to
have a surge current rating sufficient for the application
by the manufacture.
Use a 10nF bypass capacitor at BP for low output voltage
noise. The capacitor, in conjunction with an internal 200k
Ω
resistor, which connects bypass pin and the band-gap
reference, creates an 80Hz low-pass filter for noise
reduction. Increasing the capacitance will slightly decrease
the output noise, but increase the start-up time. The
capacitor connected to the bypass pin for noise reduction
must have very low leakage. This capacitor leakage current
causes the output voltage to decline by a proportional
amount to the current due to the voltage drop on the internal
200k
Ω resistor. Figure 2 shows the power on response.
Figure 1
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
50
100
150
200
250
300
Load Current (mA)
100
10
1
0.1
0.001
0.01
COUT = 1uF
Unstable Region
Stable Region
Unstable Region
10.0
15.0
0
5.0
CBP = 10nF
Time (ms)
CBP = 1nF
VOUT=3.0V
0
5.0
10.0
15.0
CBP = 10nF
CBP = 10nF
VOUT = 3.0V
Figure 2
Time (ms)


Similar Part No. - RT9167-16GBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-17PB RICHTEK-RT9167-17PB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
RT9167-18GB RICHTEK-RT9167-18GB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
RT9167-18PB RICHTEK-RT9167-18PB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167-16GBR

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com