Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9169-13GZT Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9169-13GZT
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-13GZT Datasheet(HTML) 9 Page - Richtek Technology Corporation

  RT9169-13GZT Datasheet HTML 1Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 2Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 3Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 4Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 5Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 6Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 7Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 8Page - Richtek Technology Corporation RT9169-13GZT Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RT9169/H
9
DS9169/H-12
March 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
D
A
C
b
E
L
e
D1
A1
3-Lead TO-92 Plastic Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
3.175
4.191
0.125
0.165
A1
1.143
1.372
0.045
0.054
b
0.406
0.533
0.016
0.021
C
0.406
0.533
0.016
0.021
D
4.445
5.207
0.175
0.205
D1
3.429
5.029
0.135
0.198
E
4.318
5.334
0.170
0.210
e
1.143
1.397
0.045
0.055
L
12.700
0.500


Similar Part No. - RT9169-13GZT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-13CCB RICHTEK-RT9169-13CCB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169-13CV RICHTEK-RT9169-13CV Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169-13CX RICHTEK-RT9169-13CX Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169-13CZL RICHTEK-RT9169-13CZL Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169-13CZT RICHTEK-RT9169-13CZT Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - RT9169-13GZT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Richtek Technology Corp...
RT9188 RICHTEK-RT9188 Datasheet
157Kb / 10P
   Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com