Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT916116PG Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT916116PG
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916116PG Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT916116PG Datasheet HTML 1Page - Richtek Technology Corporation RT916116PG Datasheet HTML 2Page - Richtek Technology Corporation RT916116PG Datasheet HTML 3Page - Richtek Technology Corporation RT916116PG Datasheet HTML 4Page - Richtek Technology Corporation RT916116PG Datasheet HTML 5Page - Richtek Technology Corporation RT916116PG Datasheet HTML 6Page - Richtek Technology Corporation RT916116PG Datasheet HTML 7Page - Richtek Technology Corporation RT916116PG Datasheet HTML 8Page - Richtek Technology Corporation RT916116PG Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9161/A
4
DS9161/A-31 March 2007
www.richtek.com
Quiescient Current vs. Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
-30
0
30
60
90
120
Temperature
Typical Operating Characteristics
Temperature Stability
2.4
2.6
2.8
3
3.2
3.4
-50
-25
0
25
50
75
100
125
Temperature
VOUT = 3.3V
VOUT = 2.5V
(
°C)
VIN = 5V
(
°C)
Dropout Voltage (VIN-VOUT)
0
0.2
0.4
0.6
0.8
1
0
100
200
300
400
500
ILoad (mA)
VOUT = 3.3V
125°C
25°C
Short Circuit Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
02
46
8
10
Input/Output Differential (V)
125°C
25°C
T
T
T
1 >
2 >
100
0
-100
-200
7
6
5
4
Line Transient Response
Time (100
μS/Div)
COUT = 10μF Electrolytic
IOUT = 0.1A
VOUT = 3.3V
TA = 25°C
Time (100
μs/Div)
T
T
T
1 >
2 >
100
0
-100
-200
7
6
5
4
Line Transient Response
Time (100
μS/Div)
COUT = 10μF Electrolytic
IOUT = 0.1A
VOUT = 2.5V
TA = 25°C
Time (100
μs/Div)


Similar Part No. - RT916116PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161-15PX RICHTEK-RT9161-15PX Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-30PZL RICHTEK-RT9161-30PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PV RICHTEK-RT9161-33PV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PZL RICHTEK-RT9161-33PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-45GV RICHTEK-RT9161-45GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT916116PG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com