Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9167-2HPS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9167-2HPS
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-2HPS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9167-2HPS Datasheet HTML 5Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 6Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 7Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 8Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 9Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 10Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 11Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 12Page - Richtek Technology Corporation RT9167-2HPS Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9167/A
11
DS9167/A-26 March 2007
www.richtek.com
The value of junction to case thermal resistance
θJC is
popular for users. This thermal parameter is convenient
for users to estimate the internal junction operated
temperature of packages while IC operating. It’ s
independent of PCB layout, the surroundings airflow effects
and temperature difference between junction to ambient.
The operated junction temperature can be calculated by
following formula :
TJ = TC + PD x
θJC
Where TC is the package case temperature measured by
thermal sensor, PD is the power dissipation defined by
user’ s function and the
θJC is the junction to case thermal
resistance provided by IC manufacturer. Therefore it’ s easy
to estimate the junction temperature by any condition.
For example, how to calculate the junction temperature
of RT9167A-28CB SOT-23-5 package? If we use input
voltage VIN = 3.3V at an output current I
O = 500mA and
the case temperature (pin 4 of SOT-23-5 package)
TC = 70
°C measured by thermal couple while operating,
then our power dissipation is as follows:
PD = (3.3V
− 2.8V) x 500mA + 3.3V x 90μA ≅ 250mW
And the junction temperature TJ could be calculated as
following :
TJ = TC + PD x
θJC
TJ = 70
°C + 0.25W x 130°C/W
= 70
°C + 32.5°C
= 102.5
°C < TJ(MAX) =125°C
For this operation application, TJ is lower than absolute
maximum operation junction temperature 125
°C and it’s
safe to use.


Similar Part No. - RT9167-2HPS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-2HPB RICHTEK-RT9167-2HPB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167-2HPS

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com