Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9194 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9194
Description  Low-Dropout Linear Regulator Controller with PGOOD Indication
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9194 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9194 Datasheet HTML 2Page - Richtek Technology Corporation RT9194 Datasheet HTML 3Page - Richtek Technology Corporation RT9194 Datasheet HTML 4Page - Richtek Technology Corporation RT9194 Datasheet HTML 5Page - Richtek Technology Corporation RT9194 Datasheet HTML 6Page - Richtek Technology Corporation RT9194 Datasheet HTML 7Page - Richtek Technology Corporation RT9194 Datasheet HTML 8Page - Richtek Technology Corporation RT9194 Datasheet HTML 9Page - Richtek Technology Corporation RT9194 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9194
7
DS9194-08
March 2007
www.richtek.com
Time (100us/Div)
Line Transient Response
0
10
-10
1.5
2.5
VIN = 1.5V to 2.5V, ILOAD = 100mA
CIN = 2.2uF, COUT = 100uF
Time (250us/Div)
Load Transient Response
0
20
-20
0
5
VIN = 2.5V, VOUT = 1.2V
CIN = COUT = 100uF
Time (50us/Div)
PGOOD Off
VCC = 12V
CIN = COUT = 100uF
ILoad (A)
VEN (V)
VOUT
VPGOOD
Time (500us/Div)
PGOOD Delay Time
ILoad (A)
VCC = 12V, ILOAD = 1A
CIN = COUT = 100uF
VEN (V)
VOUT
VPGOOD
Time (500us/Div)
PGOOD Delay Time
VCC = 12V, CIN = COUT = 100uF, ILOAD = 100mA
VEN (V)
VOUT
VPGOOD
Enable Threshold Voltage vs. Temperature
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
-50
-25
0
25
50
75
100
125
Temperature (
°C)
Turn on
Turn off
VIN = 1.5V, VCC = 12V, RPGOOD = 100k
Ω
CIN = COUT = 100uF, R1 = 1k, R2 = 2k


Similar Part No. - RT9194

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GF RICHTEK-RT9193-15GF Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9194

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9024 RICHTEK-RT9024 Datasheet
217Kb / 9P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9046 RICHTEK-RT9046 Datasheet
200Kb / 11P
   Low-Dropout Linear Regulator Controller with PGOOD
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610_11 Datasheet
278Kb / 17P
   Low Dropout Linear Regulator Controller
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com