Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9168A16PS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9168A16PS
Description  200mA/500mA Fixed Output Voltage LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9168A16PS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9168A16PS Datasheet HTML 2Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 3Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 4Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 5Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 6Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 7Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 8Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 9Page - Richtek Technology Corporation RT9168A16PS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9168/A
6
DS9168/A-15 March 2007
www.richtek.com
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 1uF
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 1uF
150
100
50
0
-50
5
4
Line Transient Response
Time (500us/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 4.7uF
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 4.7uF
60
40
20
0
-20
5
4
Line Transient Response
Time (500us/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 4.7uF
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 1uF


Similar Part No. - RT9168A16PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168A ETC-RT9168A Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CBR ETC-RT9168A-15CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CS ETC-RT9168A-15CS Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CSH ETC-RT9168A-15CSH Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-16CBR ETC-RT9168A-16CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9168A16PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com