Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9199GSP Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9199GSP
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GSP Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9199GSP Datasheet HTML 1Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 2Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 3Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 4Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 5Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 6Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 7Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 8Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9199
4
DS9199-07
September 2007
www.richtek.com
Functional Pin Description
VIN
Input voltage which supplies current to the output pin. Connect this pin to a well-decoupled supply voltage. To prevent the
input rail from dropping during large load transient, a large, low ESR capacitor is recommended to use. The capacitor
should be placed as close as possible to the VIN pin.
GND (Exposed Pad)
Common Ground. The exposed pad must be soldered to a large PCB and connected to GND for maximum power
dissipation.
VCNTL
VCNTL supplies the internal control circuitry and provides the drive voltage. The driving capability of output current is
proportioned to the VCNTL. Connect this pin to 5V bias supply to handle large output current with at least 1
μF capacitor
from this pin to GND. An important note is that VIN should be kept lower or equal to VCNTL.
REFEN
Reference voltage input and active low shutdown control pin. Two resistors dividing down the VIN voltage on the pin to
create the regulated output voltage. Pulling the pin to ground turns off the device by an open-drain, such as 2N7002,
signal N-MOSFET.
VOUT
Regulator output. VOUT is regulated to REFEN voltage that is used to terminate the bus resistors. It is capable of sinking
and sourcing current while regulating the output rail. To maintain adequate large signal transient response, typical value
of 1000
μF Al electrolytic capacitor with 10μF ceramic capacitors are recommended to reduce the effects of current
transients on VOUT.
Function Block Diagram
GND
VCNTL
REFEN
Current Limit
Thermal Protection
VOUT
EA
VIN


Similar Part No. - RT9199GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GF RICHTEK-RT9193-15GF Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9199GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
   Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com