Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9199GSP Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9199GSP
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GSP Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9199GSP Datasheet HTML 5Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 6Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 7Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 8Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 9Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 10Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 11Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 12Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9199
9
DS9199-07
September 2007
www.richtek.com
General Regulator
The RT9199 could also serves as a general linear regulator.
The RT9199 accepts an external reference voltage at
REFEN pin and provides output voltage regulated to this
reference voltage as shown in Figure 6, where
VOUT = VREFEN x R2/(R1+R2)
As other linear regulator, dropout voltage and thermal issue
should be specially considered. Figure 7 shows the RDS(ON)
over temperature of RT9199. The minimum dropout voltage
could be obtained by the product of RDS(ON) and output
current. For thermal consideration, please refer to the
relative sections.
Application Information
Consideration while designing the resistance of
voltage divider
Refer to the “Typical Application Circuit”.Make sure the
current sinking capability of pull-down NMOS is enough
for the chosen voltage divider to pull-down the voltage at
REFEN pin below 0.15V to shutdown the device.
In addition, the capacitor CSS and voltage divider form the
low-pass filter. There are two reasons doing this design;
one is for output voltage soft-start while another is for noise
immunity.
How to reduce power dissipation on Notebook PC
or the dual channel DDR SDRAM application?
In notebook application, using RichTek's Patent
Distributed Bus Terminator Topologywith choosing
RichTek's product is encouraged.
Distributed Bus Terminating Topology
R0
R9
R8
R7
R6
R5
R4
R3
R2
R1
R(2N)
R(2N+1)
RT9199
RT9199
VOUT
VOUT
REFEN
BUS(0)
BUS(1)
BUS(2)
BUS(3)
BUS(4)
BUS(5)
BUS(6)
BUS(7)
BUS(8)
BUS(9)
BUS(2N)
BUS(2N+1)
Terminator Resistor
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as possible to
the RT9199. A low ESR capacitor larger than 470uF is
recommended for the input capacitor. Use short and wide
traces to minimize parasitic resistance and inductance.
Inappropriate layout may result in large parasitic inductance
and cause undesired oscillation between RT9199 and the
preceding power converter.
Thermal Consideration
RT9199 regulators have internal thermal limiting circuitry
designed to protect the device during overload conditions.
For continued operation, do not exceed absolute maximum
operation junction temperature 125
°C. The power
dissipation definition in device is:
PD = (VIN - VOUT) x IOUT + VIN x IQ
Figure 6
VCNTL
REFEN
GND
VIN
VOUT
RT9199
V
REFEN
R1
R2
Figure 7
RDS(ON) vs. Temperature
0.28
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
-50
-25
0
255075
100
125
Temperature
VCNTL = 5V, VREFEN = 1V
(
°C)


Similar Part No. - RT9199GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GF RICHTEK-RT9193-15GF Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9199GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
   Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com