Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9176-25PM Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9176-25PM
Description  1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9176-25PM Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9176-25PM Datasheet HTML 2Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 3Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 4Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 5Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 6Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 7Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 8Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 9Page - Richtek Technology Corporation RT9176-25PM Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9176
6
DS9176-11 March 2007
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
1.4
1.8
2.2
2.6
3
3.4
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
RL =
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
Reference Voltage vs. Temperature
1.23
1.24
1.25
1.26
1.27
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
R1 = R2 = 100
Ω
RL =
ADJ Pin Current vs. Temperature
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
R1 = R2 = 100
Ω
RL =
Current Limit vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
2
4
6
8
10
12
14
Input Voltage (V)
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
VOUT = 2.5V, RL = 1
Ω
Current Limit vs. Temperature
1.5
1.6
1.7
1.8
1.9
2
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
VOUT = 2.5V, RL = 1
Ω
Quiescent Current vs. Temperature
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
RL =
VOUT = 2.5V


Similar Part No. - RT9176-25PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9176-25PM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1086 STMICROELECTRONICS-LD1086 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com