Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9167A-15PBR Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9167A-15PBR
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167A-15PBR Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9167A-15PBR Datasheet HTML 1Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 2Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 3Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 4Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 5Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 6Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 7Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 8Page - Richtek Technology Corporation RT9167A-15PBR Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9167/A
1
DS9167/A-26 March 2007
www.richtek.com
Pin Configurations
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Ordering Information
(TOP VIEW)
General Description
The RT9167/A is a 300mA/500mA low dropout and low
noise micropower regulator suitable for portable
applications. The output voltages range from 1.5V to 5.0V
in 100mV increments and 2% accuracy. The RT9167/A is
designed for use with very low ESR capacitors. The output
remains stable even with 1
μF ceramic output capacitor.
The RT9167/A uses an internal PMOS as the pass device,
which does not cause extra GND current in heavy load
and dropout conditions. The shutdown mode of nearly zero
operation current makes the IC suitable for battery-powered
devices. Other features include a reference bypass pin to
improve low noise performance, current limiting, and over
temperature protection.
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Features
Stable with Low-ESR Output Capacitor
Low Dropout Voltage (350mV @ 300mA)
Low Operation Current
−−−−−80μμμμμA Typical
Shutdown Function
Low Noise Output
Low Temperature Coefficient
Current and Thermal Limiting
Custom Voltage Available
SOT-23-5 and SOP-8 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
SOP-8
EN
VIN
VOUT
BP
GND
GND
GND
GND
2
3
4
5
6
7
8
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
SOT-23-5 (R-Type)
VOUT
GND
VIN
EN
BP
2
3
5
4
1
VIN
GND
EN
BP
VOUT
2
3
5
4
1
SOT-23-5
RT9167/A-
Package Type
B : SOT-23-5
BR : SOT-23-5 (R-Type)
S : SOP-8
Output Voltage
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
2H : 2.85V
500mA Output Current
300mA Output Current
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9167A-15PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167A-33PBR RICHTEK-RT9167A-33PBR Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167A-15PBR

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com