Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9204 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9204
Description  Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9204_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 9Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 10Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 11Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 12Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 13Page - Richtek Technology Corporation RT9204_07 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9204/A
Preliminary
10
DS9204/A-08 March 2007
www.richtek.com
Inductor Selection
The RT9204/A was designed for VIN = 5V, step-down
application mainly. Figure 6 shows the typical topology
and waveforms of step-down converter.
The ripple current of inductor can be calculated as follows:
Because operation frequency is fixed at 600kHz,
The VOUT ripple is
ESR is COUT capacitor equivalent series resistor
Table 1 shows the ripple voltage of VOUT: VIN = 5V
*Refer to Sanyo low ESR series (CE, DX, PX......)
The suggested L and C are as follows:
2
µH with ≥ 1500µF COUT
5
µH with ≥ 1000µF COUT
Figure 5
Shutdown
Pulling high the SD pin by a small single transistor can
shutdown the RT9204/A PWM controller as shown in
typical application circuit. Normally SD pin can be floating
because an internal 40
µA current source will pull low
the SD shutdown pin voltage.
VOUT
3.3V
2.5V
1.5V
Inductor
2
µH
5
µH
2
µH
5
µH
2
µH
5
µH
1000
µF (ESR = 53mΩ)
100mV
40mV
110mV
44mV
93mV
37mV
1500
µF (ESR = 33mΩ)
62mV
25mV
68mV
28mV
58mV
23mV
3000
µF (ESR = 21mΩ)
40mV
16mV
43mV
18mV
37mV
15mV
0V
2V
4V
T0T1
T2
T3
TIME
COUNT = 1
COUNT = 2
COUNT = 3
OVERLOAD
APPLIED
Figure 6
I
D
i
D
i
Q
I
Q
uQ
uI
L
i
L
I
L
= I
O
V
L
V
I
- V
O
- V
O
T
S
T
ON
T
OFF
Table 1
V
I
V
O
R
C
D
L
Q
C.C.M.
×
OUT
RIPPLE
ON
(5V - V)
IL
=T
L
×
OUT
ON
V
T
= 3.33
5V
×
OUT RIPPLE
RIPPLE
V
= IL
ESR


Similar Part No. - RT9204_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9204CS RICHTEK-RT9204CS Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9204_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
   200KHz, PWM Buck DC/DC & Linear Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com