Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9203GS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9203GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9203GS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9203GS Datasheet HTML 7Page - Richtek Technology Corporation RT9203GS Datasheet HTML 8Page - Richtek Technology Corporation RT9203GS Datasheet HTML 9Page - Richtek Technology Corporation RT9203GS Datasheet HTML 10Page - Richtek Technology Corporation RT9203GS Datasheet HTML 11Page - Richtek Technology Corporation RT9203GS Datasheet HTML 12Page - Richtek Technology Corporation RT9203GS Datasheet HTML 13Page - Richtek Technology Corporation RT9203GS Datasheet HTML 14Page - Richtek Technology Corporation RT9203GS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9203/A
Preliminary
11
DS9203/A-10 March 2007
www.richtek.com
Application Information
The RT9203/A operates at either single 5V power supply
with a bootstrap UGATE driver or a 5V/12V dual-power
supply form the ATX SMPS. The dual- power supply is
recommended for high current applications, the RT9203/
A can deliver higher gate driving current while operating
with ATX SMPS based on a dual-power supply.
The Bootstrap Operation
In a single power supply system, the UGATE driver of
RT9203/A is powered by an external bootstrap circuit, as
shown in the Figure 3. The boot capacitor, CBOOT,
generates a floating reference at the PHASE pin. Typically
a 0.1
µF CBOOT is enough for most of MOSFETs used
with the RT9203/A. The voltage drop between BOOT and
PHASE is refreshed to a voltage of VCC - diode drop
(VD) while the lower MOSFET turning on.
Figure 3. Single 5V power Supply Operation
Dual Power Operation
The RT9203/A was designed to supply a regulated 6.0V
at VCC pin automatically when BOOT pin is powered by
a 12V. In a system with ATX 5V/12V power supply, the
RT9203/A is ideal for higher current applications due to
the higher gate driving capability, VUGATE = 12V and VLGATE
= 6.0V. A RC (10
Ω/1µF) filter is also recommended at
BOOT pin to prevent the ringing induced from fast power-
on, as shown in Figure 4.
Figure 4. Dual Power Supply Operation
Power On Reset
The Power-On Reset (POR) monitors the supply voltage
(normal +5V) at the VCC pin and the input voltage at the
OCSET pin. The VCC POR level is set to 4.1V with 0.5V
hysteresis and the normal level at OCSET pin is set to
1.5V (see over-current protection). The POR function
initiates soft-start operation after all supply voltages
exceed their POR thresholds.
Soft Start
A built-in soft-start is used to prevent surge current from
power supply input during powering on. The soft-start
voltage is controlled by an internal digital counter. It slows
down and clamps the ramping of reference voltage at the
input of error amplifier and the pulse-width of the output
driver. The typical soft-start duration is 2.5ms.
Under Voltage and Over Voltage Protection
The voltage presents at FB pin is monitored and protected
against OC (over current), UV (under voltage), and OV
(over voltage). The UV threshold is 0.5V and OV threshold
is 1.0V. Both UV and OV detection are with 30ms delay
after triggered. When OC or UV trigged, a hiccup re-start
sequence will be initialized, as shown in Figure 5. For
RT9203, Only 3 times of trigger are allowed before
latching off. But for RT9203A, UVP will be kept in hiccup
mode. Hiccup is disabled during soft-start interval.
5V
VCC
LGATE
PHASE
UGATE
BOOT
R1
VCC
C2
1uF
RT9203/A
0.1uF
D1
5V
VCC
LGATE
UGATE
BOOT
R
C2
1uF
RT9203/A
1uF
6.0V
Regulation
10
C
12V
VCC


Similar Part No. - RT9203GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201GQV RICHTEK-RT9201GQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201PQV RICHTEK-RT9201PQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9203GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com