Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9167A-49PBR Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9167A-49PBR
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167A-49PBR Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9167A-49PBR Datasheet HTML 2Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 3Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 4Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 5Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 6Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 7Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 8Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 9Page - Richtek Technology Corporation RT9167A-49PBR Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9167/A
6
DS9167/A-26 March 2007
www.richtek.com
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 1uF
CBP = 10nF
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 4.7uF
CBP = 10nF
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 1uF
CBP = 10nF
60
40
20
0
-20
5
4
Line Transient Response
Time (500us/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 4.7uF
CBP = 10nF
150
100
50
0
-50
5
4
Line Transient Response
Time (500us/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 4.7uF
CBP = 10nF
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 1uF
CBP = 10nF


Similar Part No. - RT9167A-49PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167A-33PBR RICHTEK-RT9167A-33PBR Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167A-49PBR

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com