Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9168A16PSH Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9168A16PSH
Description  200mA/500mA Fixed Output Voltage LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9168A16PSH Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9168A16PSH Datasheet HTML 1Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 2Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 3Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 4Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 5Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 6Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 7Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 8Page - Richtek Technology Corporation RT9168A16PSH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9168/A
1
DS9168/A-15 March 2007
www.richtek.com
Pin Configurations
200mA/500mA Fixed Output Voltage LDO Regulator
Ordering Information
(TOP VIEW)
General Description
The RT9168/A is a 200mA/500mA low dropout and
micropower regulator suitable for portable applications.
The output voltages range from 1.5V to 5.0V in 100mV
increments and 2% accuracy. The RT9168/A is designed
for use with very low ESR capacitors. The output remains
stable even with a 1
μF ceramic output capacitor.
The RT9168/A uses an internal PMOS as the pass device,
which does not cause extra GND current in heavy load
and dropout conditions. The shutdown mode of nearly
zero operation current makes the IC suitable for battery-
powered devices. Other features include current limiting
and over temperature protection. The SOT-23-5 and
SOP-8 packages are also available for larger power
dissipation and design flexibility.
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Features
Stable with Low-ESR Output Capacitor
Low Dropout Voltage (220mV at 200mA)
Low Operation Current
−−−−−80μμμμμA Typical
Shutdown Function
Low Temperature Coefficient
Current and Thermal Limiting
Custom Voltage Available
SOT-23-5 and SOP-8 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
SOP-8
RT9168/A-
CBR
SOT-23-5
RT9168/A-
CS
RT9168/A-
CSH
2
3
4
5
8
7
6
VIN
VOUT
GND
GND
NC
GND
EN/EN
GND
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
VOUT
GND
VIN
EN
NC
2
3
5
4
1
RT9168/A
Package Type
BR : SOT-23-5
S : SOP-8
SH : SOP-8, High Shutdown
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
15 : 1.5V
16 : 1.6V
:
:
49 : 4.9V
50 : 5.0V
500mA Output Current
200mA Output Current


Similar Part No. - RT9168A16PSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168A ETC-RT9168A Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CBR ETC-RT9168A-15CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CS ETC-RT9168A-15CS Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CSH ETC-RT9168A-15CSH Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-16CBR ETC-RT9168A-16CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9168A16PSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com