Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9210PS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9210PS
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9210PS Datasheet HTML 2Page - Richtek Technology Corporation RT9210PS Datasheet HTML 3Page - Richtek Technology Corporation RT9210PS Datasheet HTML 4Page - Richtek Technology Corporation RT9210PS Datasheet HTML 5Page - Richtek Technology Corporation RT9210PS Datasheet HTML 6Page - Richtek Technology Corporation RT9210PS Datasheet HTML 7Page - Richtek Technology Corporation RT9210PS Datasheet HTML 8Page - Richtek Technology Corporation RT9210PS Datasheet HTML 9Page - Richtek Technology Corporation RT9210PS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
6
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -------------------------------------------------------------------------------------------------- 7V
BOOT, VBOOT - VPHASE------------------------------------------------------------------------------------------------ 7V
Input, Output or I/O Voltage ----------------------------------------------------------------------------------------- GND-0.3V to 7V
Package Thermal Resistance
TSSOP-24,
θJA --------------------------------------------------------------------------------------------------------- 100°C/W
SOP-24,
θJA ------------------------------------------------------------------------------------------------------------ 90°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VCC = 5V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
OCSET/SD = VCC, UGATE1 & 2
LGATE1 & 2 Open
--
5
--
mA
Shutdown Supply
ICCSD
OCSET/SD = 0V
--
3
--
mA
Power-On Reset
POR Threshold
VCCRTH VOCSET/SD = 4.5V, VCC Rising
3.7
4.1
4.5
V
Hysteresis
VCCHYS VOCSET/SD = 4.5V
--
0.5
--
V
Reference (for V1 and V2 Error Amp)
Reference Voltage
(V2 Error Amp Reference)
VREF2
Sense1 = 2.5V
49.0
50.0
51.0
%
Sense1
V1 Error Amp Reference Voltage
Tolerance
ΔV1EAR
--
--
2
%
Error Amp Reference
VREF
VCC = 5V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC = 5V
275
300
325
kHz
Ramp Amplitude
ΔVOSC
--
1.9
--
VP-P
Error Amplifier
DC Gain
--
90
--
dB
Gain-Bandwidth Product
GBW
--
10
--
MHz
Slew Rate
SR
COMP = 10pF
--
6
--
V/
μs
To be continued
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC -------------------------------------------------------------------------------------------------- 5V
± 5%
Ambient Temperature Range ---------------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range ---------------------------------------------------------------------------------------- 0
°C to 125°C


Similar Part No. - RT9210PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212GC RICHTEK-RT9212GC Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212PC RICHTEK-RT9212PC Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
RT9214GS RICHTEK-RT9214GS Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9210PS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Renesas Technology Corp
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
   Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
logo
Linear Technology
LTC3876 LINER-LTC3876_15 Datasheet
630Kb / 48P
   Dual DC/DC Controller for DDR Power with Differential VDDQ Sensing and 50mA VTT Reference
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com