Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9218 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9218
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9218 Datasheet HTML 6Page - Richtek Technology Corporation RT9218 Datasheet HTML 7Page - Richtek Technology Corporation RT9218 Datasheet HTML 8Page - Richtek Technology Corporation RT9218 Datasheet HTML 9Page - Richtek Technology Corporation RT9218 Datasheet HTML 10Page - Richtek Technology Corporation RT9218 Datasheet HTML 11Page - Richtek Technology Corporation RT9218 Datasheet HTML 12Page - Richtek Technology Corporation RT9218 Datasheet HTML 13Page - Richtek Technology Corporation RT9218 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RT9218
10
DS9218-08 March 2007
www.richtek.com
Application Information
Inductor Selection
The selection of output inductor is based on the
considerations of efficiency, output power and operating
frequency. Low inductance value has smaller size, but
results in low efficiency, large ripple current and high output
ripple voltage. Generally, an inductor that limits the ripple
current (
ΔIL) between 20% and 50% of output current is
appropriate. Figure 1 shows the typical topology of
synchronous step-down converter and its related
waveforms.
V
L
V
IN - VOUT
- V
OUT
i
L
I
L = IOUT
Δ
I
L
i
S1
i
S2
T
S
T
ON TOFF
V
g1
V
g2
Figure 1. The waveforms of synchronous step-down
converter
OUT
L
IN
OUT
IN
OUT
IN
OUT
IN
L
V
ΔI
D
VV
L
; Δt; D
Δtfs
V
V
L(V
V
)
Vfs ΔI
−=
=
=
=−
×
××
According to Figure 1 the ripple current of inductor can be
calculated as follows :
(1)
Where :
VIN = Maximum input voltage
VOUT = Output Voltage
Δt = S1 turn on time
ΔIL = Inductor current ripple
fS = Switching frequency
D = Duty Cycle
rC = Equivalent series resistor of output capacitor
Output Capacitor
The selection of output capacitor depends on the output
ripple voltage requirement. Practically, the output ripple
voltage is a function of both capacitance value and the
equivalent series resistance (ESR) rC. Figure 2 shows
the related waveforms of output capacitor.
L
dt =
dt
L
V
OUT
=
V
OR
i
L
i
C
di
L
Δ
I
L
1/2
0
0
Δ
I
L x rc
V
OC
t1
t2
Δ
V
OC
Δ
I
L
V
IN-VOUT
T
S
I
OUT
di
L
Figure 2. The related waveforms of output capacitor
S1
S2
V
IN
i
S1
i
S2
I
OUT
V
OUT
+
-
R
L
r
C
C
OUT
i
C
V
OR
+
-
V
OC
+
-
V
L
+
-
L
I
L


Similar Part No. - RT9218

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BGS RICHTEK-RT9218BGS Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BPS RICHTEK-RT9218BPS Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9218

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com