Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9218PS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9218PS
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218PS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9218PS Datasheet HTML 4Page - Richtek Technology Corporation RT9218PS Datasheet HTML 5Page - Richtek Technology Corporation RT9218PS Datasheet HTML 6Page - Richtek Technology Corporation RT9218PS Datasheet HTML 7Page - Richtek Technology Corporation RT9218PS Datasheet HTML 8Page - Richtek Technology Corporation RT9218PS Datasheet HTML 9Page - Richtek Technology Corporation RT9218PS Datasheet HTML 10Page - Richtek Technology Corporation RT9218PS Datasheet HTML 11Page - Richtek Technology Corporation RT9218PS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RT9218
8
DS9218-08 March 2007
www.richtek.com
Dead Time (Falling)
Time (10ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 5V
IOUT= 25A
Dead Time (Rising)
Time (25ns/Div)
UGATE
LGATE
PHASE
VCC = VIN = 5V
IOUT= 25A
Power On
Time (500us/Div)
IOUT
UGATE
(10V/Div)
(500mV/Div)
(2A/Div)
SVOUT
Power Off
Time (5ms/Div)
UGATE
SVOUT
VCC
VIN
VCC Switching
Time (10ms/Div)
VCC
IOUT
UGATE
(20V/Div)
(10V/Div)
(100mV/Div)
(10A/Div)
SVOUT
VCC = 12Vto 5V
IOUT= 10A
VIN = 5V
VCC Switching
Time (10ms/Div)
VCC
IOUT
UGATE
(20V/Div)
(10V/Div)
(100mV/Div)
(10A/Div)
SVOUT
VCC = 5V to 12V
IOUT= 10A, VIN = 5V


Similar Part No. - RT9218PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BGS RICHTEK-RT9218BGS Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BPS RICHTEK-RT9218BPS Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9218PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com