Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9183H-25GGF Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9183H-25GGF
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-25GGF Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9183H-25GGF Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 9Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 10Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 11Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 12Page - Richtek Technology Corporation RT9183H-25GGF Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT9183
9
DS9183-12
March 2007
www.richtek.com
Input Capacitor
An input capacitance of
10μF is required between the
device input pin and ground directly (the amount of the
capacitance may be increased without limit). The input
capacitor MUST be located less than 1 cm from the device
to assure input stability (see PCB Layout Section). A lower
ESR capacitor allows the use of less capacitance, while
higher ESR type (like aluminum electrolytic) require more
capacitance.
Capacitor types (aluminum, ceramic and tantalum) can be
mixed in parallel, but the total equivalent input capacitance/
ESR must be defined as above to stable operation.
There are no requirements for the ESR on the input
capacitor, but tolerance and temperature coefficient must
be considered when selecting the capacitor to ensure the
capacitance will be
10μF over the entire operating
temperature range.
Output Capacitor
The RT9183 is designed specifically to work with very
small ceramic output capacitors. The recommended
minimum capacitance (temperature characteristics X7R or
X5R) are 10
μF to 47μF range with 10mΩ to 25mΩ range
ceramic capacitors between each LDO output and GND for
transient stability, but it may be increased without limit.
Higher capacitance values help to improve transient.
The output capacitor's ESR is critical because it forms a
zero to provide phase lead which is required for loop
stability.
Application Information
Like any low-dropout regulator, the RT9183 series requires
input and output decoupling capacitors. These capacitors
must be correctly selected for good performance (see
Capacitor Characteristics Section). Please note that linear
regulators with a low dropout voltage have high internal
loop gains which require care in guarding against
oscillation caused by insufficient decoupling capacitance.
No Load Stability
The device will remain stable and in regulation with no
external load. This is specially important in CMOS RAM
keep-alive applications.
Input-Output (Dropout) Voltage
A regulator's minimum input-to-output voltage differential
(dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines the
useful end-of-life battery voltage. Because the device uses
a PMOS, its dropout voltage is a function of drain-to-source
on-resistance, RDS(ON), multiplied by the load current:
VDROPOUT = VIN - VOUT = RDS(ON) × IOUT
Current Limit
The RT9183 monitors and controls the PMOS' gate
voltage, minimum limiting the output current to 2A . The
output can be shorted to ground for an indefinite period of
time without damaging the part.
Short-Circuit Protection
The device is short circuit protected and in the event of a
peak over-current condition, the short-circuit control loop
will rapidly drive the output PMOS pass element off. Once
the power pass element shuts down, the control loop will
rapidly cycle the output on and off until the average power
dissipation causes the thermal shutdown circuit to respond
to servo the on/off cycling to a lower frequency. Please
refer to the section on thermal information for power
dissipation calculations.
Capaacitor Characteristics
It is important to note that capacitance tolerance and
variation with temperature must be taken into consideration
when selecting a capacitor so that the minimum required
amount of capacitance is provided over the full operating
temperature range. In general, a good tantalum capacitor
will show very little capacitance variation with temperature,
but a ceramic may not be as good (depending on dielectric
type). Aluminum electrolytics also typically have large
temperature variation of capacitance value.


Similar Part No. - RT9183H-25GGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-25CG RICHTEK-RT9183H-25CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM RICHTEK-RT9183H-25CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM5 RICHTEK-RT9183H-25CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CS RICHTEK-RT9183H-25CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-25GGF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com