Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM531620 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM531620
Description  Dual SCR POW-R-BLOK??Modules 200 Amperes/1200-1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM531620 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM531620 Datasheet HTML 1Page - Powerex Power Semiconductors CM531620 Datasheet HTML 2Page - Powerex Power Semiconductors CM531620 Datasheet HTML 3Page - Powerex Power Semiconductors CM531620 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S-48
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM531220, CM531620
Dual SCR POW-R-BLOK™ Modules
200 Amperes/1200-1600 Volts
INSTANTANEOUS ON-STATE CURRENT, ITM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.5
101
2.5
102
103
104
Tj = 125
oC
2.0
1.5
1.0
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
101
102
100
4000
3500
3000
2500
2000
1500
1000
500
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
150
360
o
RESISTIVE, INDUCTIVE
LOAD PER SINGLE
ELEMENT
40
80
120
160
200
130
110
90
70
50
120o
= 30o
60o
90o
180o
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
0
400
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
200
300
200
100
180o
60o
90o
= 30o
120o
50
100
150
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
60
70
80
90
100
110
120
130
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
100
200
300
400
= 30o
90o
60o
120o
180o
270o
MAXIMUM AVERAGE ON-STATE POWER
DISSIPATION (RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
0
400
400
100
200
300
300
200
100
120o
180o
270o
= 30o
60o
90o
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.25
10-2
10-1
100
100
101
0.20
0.15
0.10
0.05
INSTANTANEOUS GATE CURRENT, IG, (mA)
TRIGGERING
CHARACTERISTICS
101
102
103
104
10-1
100
101
102
VGT = 3.0V
IGFM =
4.0A
PGM = 10W
VGDM = 0.25V
VGFM = 10V
IGT = 100mA
Tj = 25
oC
PG(AV) =
3.0W


Similar Part No. - CM531620

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM531613 POWEREX-CM531613 Datasheet
82Kb / 4P
   Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
More results

Similar Description - CM531620

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM431290 POWEREX-CM431290 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM4312A2 POWEREX-CM4312A2 Datasheet
79Kb / 4P
   Dual SCR POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM421290 POWEREX-CM421290 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CSD3120H POWEREX-CSD3120H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/1200-1600 Volts
CM421255 POWEREX-CM421255 Datasheet
94Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM521213 POWEREX-CM521213 Datasheet
81Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 130 Amperes/1200-1600 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
   Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CD411230 POWEREX-CD411230 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com