Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9244PS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9244PS
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9244PS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9244PS Datasheet HTML 2Page - Richtek Technology Corporation RT9244PS Datasheet HTML 3Page - Richtek Technology Corporation RT9244PS Datasheet HTML 4Page - Richtek Technology Corporation RT9244PS Datasheet HTML 5Page - Richtek Technology Corporation RT9244PS Datasheet HTML 6Page - Richtek Technology Corporation RT9244PS Datasheet HTML 7Page - Richtek Technology Corporation RT9244PS Datasheet HTML 8Page - Richtek Technology Corporation RT9244PS Datasheet HTML 9Page - Richtek Technology Corporation RT9244PS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9244
6
DS9244-06 March 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage ---------------------------------------------------------------------------------- GND-0.3V to VCC+0.3V
Package Thermal Resistance
SOP-32,
θJA ----------------------------------------------------------------------------------------------------- 50°C/W
Junction Temperature ------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC ------------------------------------------------------------------------------------------- 5V
± 10%
Ambient Temperature Range --------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range --------------------------------------------------------------------------------- 0
°C to 125°C
Electrical Characteristics
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
PWM 1,2,3,4 Open
--
12
--
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.0
4.2
4.5
V
Hysteresis
VCCHYS
0.2
0.5
--
V
Trip (Low to High)
VDVDTP
Enable
--
2.0
--
V
VDVD Threshold
Hysteresis
VDVDHYS
--
50
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 12kΩ
170
200
230
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
ΔVOSC
RRT = 12kΩ
--
1.9
--
V
Ramp Valley
VRV
--
1.0
--
V
Maximum On-Time of Each Channel
62
66
75
%
RT Pin Voltage
VRT
R RT = 12kΩ
0.55
0.60
0.65
V
Reference and DAC
VDAC ≥ 1V
−1
--
+1
%
DACOUT Voltage Accuracy
ΔVDAC
VDAC < 1V
−10
--
+10
mV
DAC (VID0-VID4) Input Low
VILDAC
--
--
0.8
V
DAC (VID0-VID4) Input High
VIHDAC
2.0
--
--
V
(VCC = 5V, TA = 25°C, unless otherwise specified)


Similar Part No. - RT9244PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
RT9241AGS RICHTEK-RT9241AGS Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
RT9241APS RICHTEK-RT9241APS Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
RT9241BGS RICHTEK-RT9241BGS Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
More results

Similar Description - RT9244PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com