Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9245C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9245C
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9245C Datasheet HTML 1Page - Richtek Technology Corporation RT9245C Datasheet HTML 2Page - Richtek Technology Corporation RT9245C Datasheet HTML 3Page - Richtek Technology Corporation RT9245C Datasheet HTML 4Page - Richtek Technology Corporation RT9245C Datasheet HTML 5Page - Richtek Technology Corporation RT9245C Datasheet HTML 6Page - Richtek Technology Corporation RT9245C Datasheet HTML 7Page - Richtek Technology Corporation RT9245C Datasheet HTML 8Page - Richtek Technology Corporation RT9245C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RT9245C
4
DS9245C-02 March 2007
www.richtek.com
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4),
VID0 (Pin 5)
DAC voltage identification inputs for VRD10.x. These pins
are internally pulled to 1.2V (VRD10.x) or 2.1V (K8) if left
open.
VID125/VIDSEL (Pin 6)
When this pin pull low or left pen -->VR10 VID input, pull
high to 5V -->K8.
SGND (Pin 7)
VCORE differential sense negative input.
FB (Pin 8)
Inverting input of the internal error amplifier.
COMP (Pin 9)
Output of the error amplifier and input of the PWM
comparator.
PGOOD (Pin 10)
Power good open-drain output.
DVD (Pin 11)
Programmable power UVLO detection input. Trip threshold
= 1.0V at VDVD rising.
SS (Pin 12)
Connect this SS pin to GND with a capacitor to set the
soft-start time interval.
RT (Pin 13)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
VOSS (Pin 14)
VCORE initial value offset. Connect this pin to GND with a
resistor to set the negative offset value. Connect this pin
to VCC to set positive offset value.
IMAX (Pin 15)
Programmable over currert setting.
CSN (Pin 16)
Current sense negative input of all channels.
IOUT (Pin 17)
Output Current Indication Pin. The current through IOUT
pin is proportional to the output current.
ADJ (Pin 18)
Current sense output for active droop adjust. Connect a
resistor from this pin to GND to set the load droop.
GND (Pin 19)
Ground for the IC.
CSP1 (Pin 20), CSP2 (Pin 22), CSP3 (Pin 21) & CSP4
(Pin 23)
Current sense positive inputs for individual converter
channel current sense.
PWM1 (Pin 27), PWM2 (Pin 26), PWM3 (Pin 25) &
PWM4 (Pin 24)
PWM outputs for each driven channel. Connect these pins
to the PWM input of the MOSFET driver. For systems
which use 3 channels, connect PWM4 high. Two channel
systems connect PWM3 high.
VCC (Pin 28)
IC power supply. Connect this pin to a 5V supply.


Similar Part No. - RT9245C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245A RICHTEK-RT9245A Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245AGC RICHTEK-RT9245AGC Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245APC RICHTEK-RT9245APC Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245B RICHTEK-RT9245B Datasheet
584Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply
More results

Similar Description - RT9245C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com