Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5387 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5387
Description  50 MHz to 2 GHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 1 Page - Analog Devices

  ADL5387 Datasheet HTML 1Page - Analog Devices ADL5387 Datasheet HTML 2Page - Analog Devices ADL5387 Datasheet HTML 3Page - Analog Devices ADL5387 Datasheet HTML 4Page - Analog Devices ADL5387 Datasheet HTML 5Page - Analog Devices ADL5387 Datasheet HTML 6Page - Analog Devices ADL5387 Datasheet HTML 7Page - Analog Devices ADL5387 Datasheet HTML 8Page - Analog Devices ADL5387 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50 MHz to 2 GHz
Quadrature Demodulator
ADL5387
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Operating RF frequency
50 MHz to 2 GHz
LO input at 2 × fLO
100 MHz to 4 GHz
Input IP3: 31 dBm @ 900 MHz
Input IP2: 62 dBm @ 900 MHz
Input P1dB: 13 dBm @ 900 MHz
Noise figure (NF)
12.0 dB @ 140 MHz
14.7 dB @ 900 MHz
Voltage conversion gain > 4 dB
Quadrature demodulation accuracy
Phase accuracy ~0.4°
Amplitude balance ~0.05 dB
Demodulation bandwidth ~240 MHz
Baseband I/Q drive 2 V p-p into 200 Ω
Single 5 V supply
APPLICATIONS
QAM/QPSK RF/IF demodulators
W-CDMA/CDMA/CDMA2000/GSM
Microwave point-to-(multi)point radios
Broadband wireless and WiMAX
Broadband CATVs
FUNCTIONAL BLOCK DIAGRAM
DIVIDE-BY-2
PHASE SPLITTER
1
24
CMRF CMRF RFIP RFIN CMRF VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP LOIN CML
CML COM
23
22
21
20
19
78
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
Figure 1.
GENERAL DESCRIPTION
The ADL5387 is a broadband quadrature I/Q demodulator that
covers an RF/IF input frequency range from 50 MHz to 2 GHz.
With a NF = 13.2 dB, IP1dB = 12.7 dBm, and IIP3 = 32 dBm @
450 MHz, the ADL5387 demodulator offers outstanding dynamic
range suitable for the demanding infrastructure direct-conversion
requirements. The differential RF/IF inputs provide a well-
behaved broadband input impedance of 50 Ω and are best
driven from a 1:1 balun for optimum performance.
Ultrabroadband operation is achieved with a divide-by-2 method
for local oscillator (LO) quadrature generation. Over a wide
range of LO levels, excellent demodulation accuracy is
achieved with amplitude and phase balances ~0.05 dB and
~0.4°, respectively. The demodulated in-phase (I) and
quadrature (Q) differential outputs are fully buffered and
provide a voltage conversion gain of >4 dB. The buffered
baseband outputs are capable of driving a 2 V p-p differential
signal into 200 Ω.
The fully balanced design minimizes effects from second-order
distortion. The leakage from the LO port to the RF port is
<−70 dBc. Differential dc-offsets at the I and Q outputs are
<10 mV. Both of these factors contribute to the excellent IIP2
specifications > 60 dBm.
The ADL5387 operates off a single 4.75 V to 5.25 V supply. The
supply current is adjustable with an external resistor from the
BIAS pin to ground.
The ADL5387 is fabricated using the Analog Devices, Inc.
advanced silicon-germanium bipolar process and is available in
a 24-lead exposed paddle LFCSP.


Similar Part No. - ADL5387

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5387 AD-ADL5387 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADL5387 AD-ADL5387 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
ADL5387 AD-ADL5387 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
ADL5387-EVALZ AD-ADL5387-EVALZ Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results

Similar Description - ADL5387

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com