Part Name
         Description
RT9248A

 Multi-Phase PWM Controller for CPU Core Power Supply ( 14 Page)


RICHTEK
100% 
Zoom Out Zoom In
 
 3 page
background image
RT9248A
Preliminary
3
DS9248A-06
March 2006
www.richtek.com
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4),
VID0 (Pin 5) & VID125 (Pin 6)
DAC voltage identification inputs. Tie VID125 to GND for
VRM9 or to VCC for VRD10. These pins are internally
pulled to 3.3V if left open.
SGND (Pin 7)
Connect this pin to the return pin of VCORE .
FB (Pin 8)
Inverting input of the internal error amplifier.
COMP (Pin 9)
Output of the error amplifier and input of the PWM
comparator.
PGOOD (Pin 10)
Power good open-drain output.
DVD (Pin 11)
Programmable power UVLO detection or converter enable
input.
SS (Pin 12)
Connect this SS pin to GND with a capacitor to set the
soft-start time interval.
RT (Pin 13)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
VOSS (Pin 14)
VCORE initial value offset. Connect this pin to GND with a
resistor to set the offset value.
IMAX (Pin 15)
Over-Current protection set.
VSEN (Pin 16)
Power good and over-voltage monitor input. Connect this
to the sense pin of VCORE.
VDIF (Pin 17)
This pin is being tied to VSEN pin internally.
ADJ (Pin 18)
Current sense output for active droop adjust. Connect a
resistor from this pin to GND to set the load droop.
GND (Pin 19)
IC ground.
ISN (Pin 20)
RDS(ON) current sense input from anyone of channel sense
components' GND node.
ISP1 (Pin 23), ISP2 (Pin 22), ISP3 (Pin 21)
RDS(ON) current sense inputs for individual converter
channels. Tie this pin to the component's sense node.
NC (Pin 24)
No internal connection.
PWM1 (Pin 27), PWM2 (Pin 26), PWM3 (Pin 25)
PWM outputs for each driven channel. Connect these pins
to the PWM input of the MOSFET driver. For systems
which use 2 channels, connect PWM3 high.
VCC (Pin 28)
IC power supply. Connect this pin to a 5V supply.
Functional Pin Description
(k
Ω)
Frequency vs. RRT
0
50
100
150
200
250
300
350
400
450
0
10
20304050
6070
RRT
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9243Multi-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT9244Multi-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT8801Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface 1 2 3 4 5 MoreRichtek Technology Corporation
RT9245Multi-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT8801BMulti-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface 1 2 3 4 5 MoreRichtek Technology Corporation
RT9245AMulti-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT9245BMulti-Phase PWM Controller for K8 CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT9245CMulti-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT9246Multi-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
RT9246AMulti-Phase PWM Controller for CPU Core Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl