Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9259CPS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9259CPS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259CPS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9259CPS Datasheet HTML 1Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 2Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 3Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 4Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 5Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 6Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 7Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 8Page - Richtek Technology Corporation RT9259CPS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9259C
3
DS9259C-03
August 2007
www.richtek.com
Function Block Diagram
Driver
Logic
GND
LGATE
BOOT
UGATE
PHASE
Soft-Start
&
Fault Logic
Oscillator
Power
On Reset
VCC12
FB
Voltage
Reference
Bias
EA
+
-
PWM
+
-
+
POR
SSE
5V
Regulator
+
-
+
-
+
-
+
VCC12
0.4V
FBL
DRV
RT_DIS
Shutdown
Inhibit
SSE
COMP
PGND
-
+
5VDD
+
-
PH_M
OC
40uA
1.5V
V
REF1
V
REF2
0.4V
R
OCSET
20k
Pin No.
RT9259C S RT9259C A
RT9259CPQV
Pin
Name
Pin Function
6
6
4
FBL
Linear regulator feedback voltage. This pin is the
inverting input of the LDO error amplifier and protection
monitor. Connect this pin to an external resistor divider
network of the linear regulator.
7
7, 8
5
GND
Ground.
8
9, 10
7
VCC12
Connect this pin to a well-decoupled 12V bias supply. It is
also the positive supply for the lower gate driver, LGATE.
9, 10
11, 12
6, 8, 9, 10,
Exposed Pad (17)
NC
No Internal Connection.
11
13
11
LGATE
Lower gate driver output. Connect to the gate of the
low-side power N-MOSFET. This pin is monitored by the
adaptive shoot-through protection circuitry to determine
when the lower MOSFET has turned off.
12
14
12
PGND
Power ground return for the lower gate driver.
13
15
13
PHASE
Connect this pin to the source of the upper MOSFET and
the drain of the lower MOSFET. This pin is monitored by
the
adaptive
shoot-through
protection
circuitry
to
determine when the upper MOSFET has turned off.
14
16
14
UGATE
Connect this pin to a well-decoupled 12V bias supply. It is
also the positive supply for the lower gate driver, LGATE.


Similar Part No. - RT9259CPS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259AGS RICHTEK-RT9259AGS Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259APS RICHTEK-RT9259APS Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259GA RICHTEK-RT9259GA Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9259CPS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com