Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9266 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9266
Description  Tiny Package, High Efficiency, Step-up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9266 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9266 Datasheet HTML 5Page - Richtek Technology Corporation RT9266 Datasheet HTML 6Page - Richtek Technology Corporation RT9266 Datasheet HTML 7Page - Richtek Technology Corporation RT9266 Datasheet HTML 8Page - Richtek Technology Corporation RT9266 Datasheet HTML 9Page - Richtek Technology Corporation RT9266 Datasheet HTML 10Page - Richtek Technology Corporation RT9266 Datasheet HTML 11Page - Richtek Technology Corporation RT9266 Datasheet HTML 12Page - Richtek Technology Corporation RT9266 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9266
9
DS9266-12 May 2007
www.richtek.com
VIN = 2V, VOUT = 5V @ 200mA
Time (1
µs/Div)
LX & Output Ripple
VIN = 3V, VOUT = 5V @ 200mA
Time (1
µs/Div)
LX & Output Ripple
VIN = 3V, VOUT = 3.3V @ 10mA
Time (1
µs/Div)
LX & Output Ripple
VIN = 3V, VOUT = 3.3V @ 200mA
Time (1
µs/Div)
LX & Output Ripple
VIN = 2V, VOUT = 5V @ 20mA
Time (1
µs/Div)
LX & Output Ripple
VIN = 3V, VOUT = 5V @ 20mA
Time (1
µs/Div)
LX & Output Ripple


Similar Part No. - RT9266

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
RT9266BGE RICHTEK-RT9266BGE Datasheet
316Kb / 13P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
RT9266BPE RICHTEK-RT9266BPE Datasheet
316Kb / 13P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
More results

Similar Description - RT9266

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
   TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
   PWM Controlled, Step-up DC/DC Converter in Tiny Package
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com