Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9266B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9266B
Description  Tiny Package, High Efficiency, Step-Up DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9266B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9266B Datasheet HTML 1Page - Richtek Technology Corporation RT9266B Datasheet HTML 2Page - Richtek Technology Corporation RT9266B Datasheet HTML 3Page - Richtek Technology Corporation RT9266B Datasheet HTML 4Page - Richtek Technology Corporation RT9266B Datasheet HTML 5Page - Richtek Technology Corporation RT9266B Datasheet HTML 6Page - Richtek Technology Corporation RT9266B Datasheet HTML 7Page - Richtek Technology Corporation RT9266B Datasheet HTML 8Page - Richtek Technology Corporation RT9266B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9266B
4
DS9266B-09
March 2007
www.richtek.com
Absolute Maximum Ratings
Supply Voltage -----------------------------------------------------------------------------------------------------
0.3V to 7V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
0.3V to 6.5V
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
0.3V to (VDD + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 2.5A
EXT Pin Driver Current -------------------------------------------------------------------------------------------- 200mA
Package Thermal Resistance
SOT-23-6,
θJC ------------------------------------------------------------------------------------------------------ 145°C/W
Operating Junction Temperature ------------------------------------------------------------------------------- 125
°C
Storage Temperature Range ------------------------------------------------------------------------------------
65°C to +150°C
Electrical Characteristics
(VIN = 1.5V, VDD set to 3.3V, Load Current = 0, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Start-UP Voltage
VST
IL = 1mA
--
0.98
1.05
V
Operating VDD Range
VDD
VDD pin voltage
2
--
6.5
V
No Load Current I (VIN)
INO LOAD
VIN = 1.5V, VOUT = 3.3V
--
150
--
μA
Switch-off Current I (VDD)
ISWITCH OFF
VIN = 6V
--
25
--
μA
Shutdown Current I (VIN)
IOFF
EN Pin = 0V, VIN = 4.5V
--
0.01
1
μA
Feedback Reference Voltage
VREF
Close Loop, VDD = 3.3V
1.225
1.25
1.275
V
Switching Frequency
FS
VDD = 3.3V
--
550
--
kHz
Maximum Duty
DMAX
VDD = 3.3V
--
95
--
%
LX ON Resistance
VDD = 3.3V
--
0.35
--
Ω
Current Limit Setting
ILIMIT
VDD = 3.3V
--
0.5
--
A
Current Limit Delay Time
VDD = 3.3V
--
300
--
ns
EXT ON Resistance to VDD
VDD = 3.3V
--
5
--
Ω
EXT ON Resistance to GND
VDD = 3.3V
--
5
--
Ω
Line Regulation (refer to VFB)
ΔVLINE
VIN = 1.5 ~ 2.5V, IL = 50mA
--
12
--
mV/V
Load Regulation (refer to VFB)
ΔVLOAD
VIN = 2.5V, IL = 1 ~ 100mA
--
0.25
--
mV/mA
EN Pin Trip Level
VDD = 3.3V
0.4
0.8
1.2
V
Temperature Stability for Vout
TS
--
50
--
ppm/°C
Thermal Shutdown
TSD
--
165
--
°C
Thermal Shutdown Hysterises
ΔTSD
--
10
--
°C


Similar Part No. - RT9266B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266GE RICHTEK-RT9266GE Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266GX5 RICHTEK-RT9266GX5 Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266PE RICHTEK-RT9266PE Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266PX5 RICHTEK-RT9266PX5 Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
More results

Similar Description - RT9266B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
   Tiny Package, High Efficiency, Step-up DC/DC Converter
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
   TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
   Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
   PWM Controlled, Step-up DC/DC Converter in Tiny Package
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com