Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9269PE Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9269PE
Description  Tiny Package, High Efficiency, Constant Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9269PE Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9269PE Datasheet HTML 1Page - Richtek Technology Corporation RT9269PE Datasheet HTML 2Page - Richtek Technology Corporation RT9269PE Datasheet HTML 3Page - Richtek Technology Corporation RT9269PE Datasheet HTML 4Page - Richtek Technology Corporation RT9269PE Datasheet HTML 5Page - Richtek Technology Corporation RT9269PE Datasheet HTML 6Page - Richtek Technology Corporation RT9269PE Datasheet HTML 7Page - Richtek Technology Corporation RT9269PE Datasheet HTML 8Page - Richtek Technology Corporation RT9269PE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9269
8
DS9269-10
March 2007
www.richtek.com
VIN
Time (1us/Div)
IIN
LX vs. Output Ripple
VEN = VIN = 3.2V, IOUT = 40mA
VOUT
Refer tp Application Circuit Figure 1
VIN
IOUT
Time (1ms/Div)
LX
Brightness Control
VIN = 3.0V
IOUT = 20mA
EN
80% Duty
External Signal
VIN
IOUT
Time (1ms/Div)
LX
Brightness Control
VIN = 2.5V
IOUT = 20mA
EN
80% Duty
External Signal
VIN
IOUT
Time (250us/Div)
IIN
EN Pin Shutdown Response
VEN = 1.2V VIN = 3.2V
IOUT = 40mA
VLX
Refer tp Application Circuit Figure 1


Similar Part No. - RT9269PE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269CE RICHTEK-RT9269CE Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
More results

Similar Description - RT9269PE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Maxic Technology Corpor...
MT771XH MAXIC-MT771XH Datasheet
228Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com