Electronic Components Datasheet Search |
|
RT9271PE Datasheet(PDF) 4 Page - Richtek Technology Corporation |
|
RT9271PE Datasheet(HTML) 4 Page - Richtek Technology Corporation |
4 / 15 page RT9271 4 DS9271-13 March 2007 www.richtek.com Electrical Characteristics (VCC = 3.6V, TA = 25°C, unless otherwise specified.) Absolute Maximum Ratings (Note 1) Supply Voltage, VCC -------------------------------------------------------------------------------------------------- −0.3V to 7V LX, OVP ----------------------------------------------------------------------------------------------------------------- −0.3V to 21V The Other Pins --------------------------------------------------------------------------------------------------------- −0.3V to 7V Power Dissipation, PD @ TA = 25 °C SOT-23-6 ---------------------------------------------------------------------------------------------------------------- 0.4W Package Thermal Resistance (Note 4) SOT-23-6, θJA ----------------------------------------------------------------------------------------------------------- 250°C/W Maximum Junction Temperature ----------------------------------------------------------------------------------- 125 °C Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260°C Storage Temperature Range ---------------------------------------------------------------------------------------- −65°C to 150°C ESD Susceptibility (Note 2) HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V Recommended Operating Conditions (Note 3) Supply Voltage, VCC -------------------------------------------------------------------------------------------------- 2.4V to 6V Junction Temperature Range ---------------------------------------------------------------------------------------- −40°C to 125°C Parameter Symbol Test Condition Min Typ Max Units System Supply Input Under Voltage Lock Out UVLO 1.8 2.2 2.3 V Maximum Output Voltage -- -- 20 V Supply Current ICC1 VCC=6V, Continuously Switching -- -- 2 mA Quiescent Current ICC2 VCC=6V, FB=1.3V, No Switching 50 90 120 μA Shut Down Current ICC3 VCC=6V, VEN<0.4V -- 0.1 1 μA Oscillator Operation Frequency FOSC 0.9 1.1 1.3 MHz Maximum Duty Cycle Dmax 85 90 -- % Reference Voltage Feedback Voltage VFB 0.237 0.25 0.263 V MOSFET On Resistance of MOSFET Rds(on) 0.5 0.75 1.0 Ω Current Limit Imax1 Normal Operation 800 900 1000 mA Current Limit Imax2 Start up Condition 500 625 750 mA Control and Protection Shut Down Voltage VEN1 0.4 0.8 -- V Enable Voltage VEN2 -- 0.8 1.4 V EN Pin Pull Low Current IEN -- 4 6 μA OVP Threshold (Note 5) OVP 14.5 15.5 20.0 V |
Similar Part No. - RT9271PE |
|
Similar Description - RT9271PE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |