Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9284B15PJ6 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9284B15PJ6
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284B15PJ6 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9284B15PJ6 Datasheet HTML 2Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 3Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 4Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9284B15PJ6 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Typical Operating Characteristics
LED Current vs. Input Voltage
18
18.5
19
19.5
20
20.5
21
21.5
22
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
4WLEDs, L = 10
μH
Maximum Duty Cycle vs. VDD
85%
86%
87%
88%
89%
90%
91%
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
VDD (V)
91
90
89
88
87
86
85
POR (Rising/Falling) vs. Temperature
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40 -30 -20 -10
0
1020 304050 6070 8090
Temperature (
°C)
Rising
Falling
Shut Down Voltage vs. Input Voltage
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
-45
°C
25
°C
85
°C
Enable Voltage vs. Input Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
-45
°C
25
°C
85
°C
Efficiency vs. Input Voltage
80.5
81
81.5
82
82.5
83
83.5
84
3
3.2
3.4
3.6
3.8
4
4.2
4.4
Input Voltage (V)
3WLEDs
4WLEDs
ILED = 20mA, L = 4.7
μH, DCR = 0.15Ω


Similar Part No. - RT9284B15PJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284BPB RICHTEK-RT9284BPB Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284B15PJ6

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com