Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4016C3C Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T4016C3C
Description  CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4016C3C Datasheet(HTML) 8 Page - Samsung semiconductor

  K6T4016C3C Datasheet HTML 1Page - Samsung semiconductor K6T4016C3C Datasheet HTML 2Page - Samsung semiconductor K6T4016C3C Datasheet HTML 3Page - Samsung semiconductor K6T4016C3C Datasheet HTML 4Page - Samsung semiconductor K6T4016C3C Datasheet HTML 5Page - Samsung semiconductor K6T4016C3C Datasheet HTML 6Page - Samsung semiconductor K6T4016C3C Datasheet HTML 7Page - Samsung semiconductor K6T4016C3C Datasheet HTML 8Page - Samsung semiconductor K6T4016C3C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6T4016C3C Family
CMOS SRAM
Revision 1.0
April 1999
8
Address
CS
Data Valid
UB, LB
WE
Data in
Data out
High-Z
High-Z
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB Controlled)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE goes low with asserting UB
or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest transi-
tion when CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the CS going low to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
DATA RETENTION WAVE FORM
CS controlled
VCC
4.5V
2.2V
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
tAS(3)


Similar Part No. - K6T4016C3C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-B SAMSUNG-K6T4016C3B-B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-F SAMSUNG-K6T4016C3B-F Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-RB55 SAMSUNG-K6T4016C3B-RB55 Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-RB70 SAMSUNG-K6T4016C3B-RB70 Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4016C3C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com