Selected language     English  ▼


NE555 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. NE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
UNIT
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (See Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (CONT, RESET, THRES, and TRIG)
VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
±225 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: NE555
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SA555
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SE555, SE555C
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package
260
°C
. . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
N/A
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
JG (SE555, SE555C)
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
JG (SA555, NE555C)
825 mW
6.6 mW/
°C
528 mW
429 mW
N/A
P
1000 mW
8.0 mW/
°C
640 mW
520 mW
N/A
recommended operating conditions
NE555
SA555
SE555
SE555C
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Supply voltage, VCC
4.5
16
4.5
16
4.5
18
4.5
16
V
Input voltage (CONT, RESET, THRES, and TRIG)
VCC
VCC
VCC
VCC
V
Output current
±200
±200
±200
±200
mA
Operating free-air temperature, TA
0
70
–40
85
–55
125
–55
125
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL1640THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS 1 2 3 4 5 MoreZarlink Semiconductor Inc
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
ST662ABDC-DC converter from 5V to 12V 0.03A for flash memory programming supply 1 2 3 4 5 MoreSTMicroelectronics
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
CBGAFrom innovative designs and expanding package offerings Amkor provides a platform from prototype-to-production. 1 Amkor Technology
MCMPBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology
PBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl