Electronic Components Datasheet Search
Selected language     English  ▼


NE555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. NE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 5 page
background image
THRES voltage level
TRIG voltage level
RESET current
CONT voltage (open circuit)
Low-level output voltage
Supply current
VCC = 15 V
VCC = 5 V
VCC = 15 V
Output low,
No load
Output high,
No load
V
V
mA
V
V
V
TEST
CONDITIONS†
Initial error of timing interval‡
TA = 25°C
TA = MIN to MAX
TA = 25°C
ppm/
°C
%/V
ns
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 15 V
9.4
10
10.6
8.8
10
11.2
VCC = 5 V
2.7
3.3
4
2.4
3.3
4.2
THRES current (see Note 2)
30
250
30
250
nA
VCC = 15 V
4.8
5
5.2
4.5
5
5.6
VCC = 5 V
1.45
1.67
1.9
1.1
1.67
2.2
TRIG current
TRIG at 0 V
0.5
0.9
0.5
2
µA
RESET voltage level
0.3
0.7
1
0.3
0.7
1
V
RESET at VCC
0.1
0.4
0.1
0.4
RESET at 0 V
– 0.4
–1
– 0.4
– 1.5
DISCH switch off-state current
20
100
20
100
nA
VCC = 15 V
9.6
10
10.4
9
10
11
VCC = 5 V
2.9
3.3
3.8
2.6
3.3
4
IOL = 10 mA
0.1
0.15
0.1
0.25
IOL = 50 mA
0.4
0.5
0.4
0.75
IOL = 100 mA
2
2.2
2
2.5
IOL = 200 mA
2.5
2.5
IOL = 5 mA
0.1
0.2
0.1
0.35
IOL = 8 mA
0.15
0.25
0.15
0.4
IOH = – 100 mA
13
13.3
12.75
13.3
High-level output voltage
IOH = – 200 mA
12.5
12.5
VCC = 5 V
IOH = – 100 mA
3
3.3
2.75
3.3
VCC = 15 V
10
12
10
15
VCC = 5 V
3
5
3
6
mA
VCC = 15 V
9
10
9
13
VCC = 5 V
2
4
2
5
NOTE 2: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ.
operating characteristics, VCC = 5 V and 15 V
PARAMETER
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable§
0.5%
1.5%
1%
3%
Each timer, astable¶
1.5%
2.25%
Temperature coefficient
Each timer, monostable§
30
100
50
of timing interval
Each timer, astable¶
90
150
Supply voltage sensitivity
Each timer, monostable§
0.05
0.2
0.1
0.5
of timing interval
Each timer, astable¶
0.15
0.3
Output pulse rise time
CL = 15 pF,
100
200
100
300
Output pulse fall time
TA = 25°C
100
200
100
300
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
§ Values specified are for a device in a monostable circuit similar to Figure 9, with component values as follow: RA = 2 kΩ to 100 kΩ, C = 0.1 µF.
¶ Values specified are for a device in an astable circuit similar to Figure 12, with component values as follow: RA = 1 kΩ to 100 kΩ, C = 0.1 µF.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL1640THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS 1 2 3 4 5 MoreZarlink Semiconductor Inc
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
ST662ABDC-DC converter from 5V to 12V 0.03A for flash memory programming supply 1 2 3 4 5 MoreSTMicroelectronics
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
CBGAFrom innovative designs and expanding package offerings Amkor provides a platform from prototype-to-production. 1 Amkor Technology
MCMPBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology
PBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl