Electronic Components Datasheet Search
Selected language     English  ▼


NE555 Datasheet(PDF) 6 Page - Texas Instruments

Part No. NE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
THRES voltage level
TRIG voltage level
RESET current
CONT voltage (open circuit)
Low-level output voltage
Supply current
VCC = 15 V
VCC = 5 V
VCC = 15 V
Output low,
No load
Output high,
No load
V
V
mA
V
V
V
Initial error of timing interval†
%/V
ns
CL = 15 pF
Supply voltage sensitivity of timing interval
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555Y
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 15 V
8.8
10
11.2
VCC = 5 V
2.4
3.3
4.2
THRES current (see Note 2)
30
250
nA
VCC = 15 V
4.5
5
5.6
VCC = 5 V
1.1
1.67
2.2
TRIG current
TRIG at 0 V
0.5
2
µA
RESET voltage level
0.3
0.7
1
V
RESET at VCC
0.1
0.4
RESET at 0 V
– 0.4
– 1.5
DISCH switch off-state current
20
100
nA
VCC = 15 V
9
10
11
VCC = 5 V
2.6
3.3
4
IOL = 10 mA
0.1
0.25
IOL = 50 mA
0.4
0.75
IOL = 100 mA
2
2.5
IOL = 200 mA
2.5
IOL = 5 mA
0.1
0.35
IOL = 8 mA
0.15
0.4
IOH = – 100 mA
12.75
13.3
High-level output voltage
IOH = – 200 mA
12.5
VCC = 5 V
IOH = – 100 mA
2.75
3.3
VCC = 15 V
10
15
VCC = 5 V
3
6
mA
VCC = 15 V
9
13
VCC = 5 V
2
5
NOTE 2: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ
operating characteristics, VCC = 5 V and 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Each timer, monostable‡
1%
3%
Each timer, astable§
2.25%
Each timer, monostable‡
0.1
0.5
Each timer, astable§
0.3
Output pulse rise time
100
300
Output pulse fall time
100
300
† Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
‡ Values specified are for a device in a monostable circuit similar to Figure 9, with component values as follow: RA = 2 kΩ to 100 kΩ, C = 0.1 µF.
§ Values specified are for a device in an astable circuit similar to Figure 12, with component values as follow: RA = 1 kΩ to 100 kΩ, C = 0.1 µF.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL1640THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS 1 2 3 4 5 MoreZarlink Semiconductor Inc
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
ST662ABDC-DC converter from 5V to 12V 0.03A for flash memory programming supply 1 2 3 4 5 MoreSTMicroelectronics
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
CBGAFrom innovative designs and expanding package offerings Amkor provides a platform from prototype-to-production. 1 Amkor Technology
MCMPBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology
PBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl