Selected language     English  ▼


NE555 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. NE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 2 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, NE555Y, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
FUNCTION TABLE
RESET
TRIGGER VOLTAGE†
THRESHOLD VOLTAGE†
OUTPUT
DISCHARGE SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
< 1/3 VDD
Irrelevant
High
Off
High
> 1/3 VDD
> 2/3 VDD
Low
On
High
> 1/3 VDD
< 2/3 VDD
As previously established
† Voltage levels shown are nominal.
functional block diagram
1
R
R
S
R
R1
TRIG
THRES
R
VCC
CONT
RESET
OUT
DISCH
GND
RESET can override TRIG, which can override THRES.
Pin numbers shown are for the D, JG, and P packages only.
4
8
5
6
2
1
7
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL1640THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS 1 2 3 4 5 MoreZarlink Semiconductor Inc
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
ST662ABDC-DC converter from 5V to 12V 0.03A for flash memory programming supply 1 2 3 4 5 MoreSTMicroelectronics
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
CBGAFrom innovative designs and expanding package offerings Amkor provides a platform from prototype-to-production. 1 Amkor Technology
MCMPBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology
PBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl