Electronic Components Datasheet Search
Selected language     English  ▼


NE555 Datasheet(PDF) 3 Page - Texas Instruments

Part No. NE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555Y
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
chip information
These chips, properly assembled, display characteristics similar to the NE555 (see electrical table for NE555Y).
Thermal compression or ultrasonic bonding may be used on the doped aluminum bonding pads. Chips may be
mounted with conductive epoxy or a gold-silicon preform.
GND
RESET
(4)
CONT
VCC
(8)
1
THRES
TRIG
R
R
R
DISCH
OUT
S
R
R1
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150° C
TOLERANCES ARE
± 10%
ALL DIMENSIONS ARE IN MILS
PIN (1) INTERNALLY CONNECTED
TO BACKSIDE OF CHIP
(5)
(6)
(2)
(1)
(7)
(3)
BONDING PAD ASSIGNMENTS
41
42
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL1640THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS 1 2 3 4 5 MoreZarlink Semiconductor Inc
CA3054_05Dual Independent Differential Amp for Low Power Applications from DC to 120MHz 1 2 3 4 5 MoreIntersil Corporation
ST662ABDC-DC converter from 5V to 12V 0.03A for flash memory programming supply 1 2 3 4 5 MoreSTMicroelectronics
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
CBGAFrom innovative designs and expanding package offerings Amkor provides a platform from prototype-to-production. 1 Amkor Technology
MCMPBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology
PBGAInnovative designs and expanding package offerings provide a platform from prototype-to-production 1 2 Amkor Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl