Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # NE555D
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE555D Datasheet(HTML) 9 Page - Texas Instruments

Back Button NE555D Datasheet HTML 5Page - Texas Instruments NE555D Datasheet HTML 6Page - Texas Instruments NE555D Datasheet HTML 7Page - Texas Instruments NE555D Datasheet HTML 8Page - Texas Instruments NE555D Datasheet HTML 9Page - Texas Instruments NE555D Datasheet HTML 10Page - Texas Instruments NE555D Datasheet HTML 11Page - Texas Instruments NE555D Datasheet HTML 12Page - Texas Instruments NE555D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
APPLICATION INFORMATION
monostable operation
For monostable operation, any of these timers may be connected as shown in Figure 9. If the output is low,
application of a negative-going pulse to TRIG sets the flip-flop (Q goes low), drives the output high, and turns
off Q1. Capacitor C is then charged through RA until the voltage across the capacitor reaches the threshold
voltage of THRES input. If TRIG has returned to a high level, the output of the threshold comparator will reset
the flip-flop (Q goes high), drive the output low, and discharge C through Q1.
VCC
(5 V to 15 V)
RA
RL
Output
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
Input
Time – 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
RA = 9.1 kΩ
CL = 0.01 µF
RL = 1 kΩ
See Figure 9
5
8
4
7
6
2
3
1
Pin numbers shown are for the D, JG, and P packages.
Figure 9. Circuit for Monostable Operation
Figure 10. Typical Monostable Waveforms
Monostable operation is initiated when TRIG
voltage falls below the trigger threshold. Once
initiated, the sequence ends only if TRIG is high at
the end of the timing interval. Because of the
threshold level and saturation voltage of Q1,
the output pulse duration is approximately
tw = 1.1RAC. Figure 11 is a plot of the time
constant for various values of RA and C. The
threshold levels and charge rates are both directly
proportional to the supply voltage, VCC. The timing
interval is therefore independent of the supply
voltage, so long as the supply voltage is constant
during the time interval.
Applying
a
negative-going
trigger
pulse
simultaneously to RESET and TRIG during the
timing interval discharges C and re-initiates the
cycle, commencing on the positive edge of the
reset pulse. The output is held low as long as the
reset pulse is low. To prevent false triggering,
when RESET is not used, it should be connected
to VCC.
C – Capacitance –
µF
10
1
10–1
10–2
10–3
10–4
100
10
1
0.1
0.01
10–5
0.001
Figure 11. Output Pulse Duration vs Capacitance
RA = 10 MΩ
RA = 10 kΩ
RA = 1 kΩ
RA = 100 kΩ
RA = 1 MΩ


Similar Part No. - NE555D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555D PHILIPS-NE555D Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
logo
Fairchild Semiconductor
NE555D FAIRCHILD-NE555D Datasheet
150Kb / 14P
   Single Timer
logo
Texas Instruments
NE555D TI1-NE555D Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
NEC
NE555D NEC-NE555D Datasheet
26Kb / 1P
   PRECISION TIMERS
More results

Similar Description - NE555D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com