Electronic Components Datasheet Search |
|
CM600HB-90H Datasheet(PDF) 1 Page - Powerex Power Semiconductors |
|
CM600HB-90H Datasheet(HTML) 1 Page - Powerex Power Semiconductors |
1 / 4 page 1 Single IGBTMOD™ HVIGBT 600 Amperes/4500 Volts CM600HB-90H Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 Outline Drawing and Circuit Diagram Dimensions Inches Millimeters A 5.12 130.0 B 5.51 140.0 C 1.50 38.0 D 4.48 114.0 E 4.88 ±0.01 124.0 ±0.25 F 1.57 40.0 G 0.79 20.0 H 0.41 10.35 J 0.42 10.65 K 1.92 48.8 L 2.24 ±0.01 57.0 ±0.25 M 1.71 43.5 Description: Powerex IGBTMOD™ Modules are designed for use in switching applications. Each module consists of one IGBT Transistor with a reverse-connected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: □ Low Drive Power □ Low VCE(sat) □ Super-Fast Recovery Free-Wheel Diode □ Isolated Baseplate for Easy Heat Sinking Applications: □ Traction □ Medium Voltage Drives □ High Voltage Power Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM600HB-90H is a 4500V (VCES), 600 Ampere Single IGBTMOD™ Power Module. Type Current Rating VCES Amperes Volts (x 50) CM 600 90 Dimensions Inches Millimeters N 2.42 61.5 P 0.59 15.0 Q 1.57 40.0 R 0.20 5.2 S 1.16 29.5 T 1.10 28.0 U M4 Metric M4 V M8 Metric M8 W 0.28 Dia. Dia. 7.0 X 0.20 5.0 Y 0.71 18.0 W (6 TYP) U NUTS (3 TYP) T Q R F K M H J S A D LL G EB V NUTS (4 TYP) C X E G E C C E C C C CM EG E C E P N Y |
Similar Part No. - CM600HB-90H |
|
Similar Description - CM600HB-90H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |