Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548C Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC548C
Description  NPN GENERAL PURPOSE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC548C Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC548C Datasheet HTML 1Page - Pan Jit International Inc. BC548C Datasheet HTML 2Page - Pan Jit International Inc. BC548C Datasheet HTML 3Page - Pan Jit International Inc. BC548C Datasheet HTML 4Page - Pan Jit International Inc. BC548C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
ELECTRICAL CHARACTERISTICS CURVE BC546A,BC547A,BC548A ONLY
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J=25 C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs.
Fig. 1.
Typical ICB0 vs.
Fig. 2.
Typical hFE vs.
Fig. 4.
Typical VCE(SAT) vs.
Fig. 5.
Typical VBE(SAT) vs.
Fig. 6.
Typical Capacitances vs.


Similar Part No. - BC548C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC548C MOTOROLA-BC548C Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Weitron Technology
BC548C WEITRON-BC548C Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
ON Semiconductor
BC548C ONSEMI-BC548C Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC548C MCC-BC548C Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Siemens Semiconductor G...
BC548C SIEMENS-BC548C Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

Similar Description - BC548C

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com