Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9198A-16GY Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9198A-16GY
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198A-16GY Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9198A-16GY Datasheet HTML 5Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 6Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 7Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 8Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 9Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 10Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 11Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 12Page - Richtek Technology Corporation RT9198A-16GY Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT9198/A
9
DS9198/A-10 November 2006
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
for the RT9198/A must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9198/A input and the amount of
capacitance can be increased without limit. The input
capacitor must be located a distance of not more than
0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic or tantalum
can be used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9198/A is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is more than 20mΩ
on the RT9198/A output ensures stability. The RT9198/A
still works well with output capacitor of other types due to
the wide stable ESR range. Figure 1. shows the curves of
allowable ESR range as a function of load current for various
output capacitor values. Output capacitor of larger
capacitance can reduce noise and improve load transient
response, stability, and PSRR. The output capacitor should
be located with in 0.5 inch from the VOUT pin of the
RT9198/A and returned to a clean analog ground.
Thermal Considerations
Thermal protection limits power dissipation in RT9198/A.
When the operating junction temperature exceeds 165
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turns on
again after the junction temperature cools by 30
°C.
For continuous operation, do not exceed absolute
maximum operatiog junction temperature 125
°C. The
power dissipation definition in device is shown as following
formula :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operating junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
Instable
Enable Function
The RT9198/A features an LDO regulator enable/disable
function.
To assure the RT9198 LDO regulator will switch on, the
EN turn on control level must be greater than 1.2V. The
RT9198 LDO regulator will go into shutdown mode when
the voltage on the EN pin falls below 0.4V. For RT9198A,
the EN turn on control level must be lower than 0.4V to
assure the RT9198A LDO regulator switch on. The
RT9198A LDO regulator will go into shutdown mode when
the voltage on the ENpin is higher than 1.2 V. The RT9198A
equips a quick-discharge function to protect the system.
When the regulator is turned off by EN pin, the internal
MOSFET between VOUT and GND will be turned on to
discharge output voltage quickly. If the enable function is
not needed in a specific application, it may be tied to
GND/VIN to keep the LDO regulator in a continuously on
state.
Figure 1
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
50
100
150
200
250
300
Load Current (mA)
COUT = 1uF
Instable
Stable
100
10
1
RT9198/A-15CU5
COUT = 1
μF, X7R
Simulation Verify


Similar Part No. - RT9198A-16GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198A-16GY RICHTEK-RT9198A-16GY Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198A-16GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com